Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors IMX93CEC Datasheet HTML 15Page - NXP Semiconductors IMX93CEC Datasheet HTML 16Page - NXP Semiconductors IMX93CEC Datasheet HTML 17Page - NXP Semiconductors IMX93CEC Datasheet HTML 18Page - NXP Semiconductors IMX93CEC Datasheet HTML 19Page - NXP Semiconductors IMX93CEC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 123 page
background image
Table 12. Power supplies of the DRAM controller and PHY...continued
Power supplies
Modules
VDD2_DDR
1.1 V DRAM PHY I/O supply
VDDQ_DDR
0.6 V DRAM PHY I/O supply for LPDDR4X
For all the integrated analog modules, their 1.8 V analog power will be supplied externally through power pads. These supplies
are separated with other power pads on the package to keep them clean, but they can be directly shared with other power rails
on the board to reduce the number of power supplies from the PMIC.
For the integrated LVDS PHY, MIPI PHY, and USB PHYs, their 3.3 V (where supported), 1.8 V, and digital power will be supplied
externally through power pads. The powers to those PHYs are separated with other power pads on the package to keep them
clean, but they can be directly shared with other power rails on the board to reduce the number of power supplies from the PMIC.
For BBSM/RTC, the 1.8 V I/O pre-driver supply and 1.8 V I/O pad supply will also be supplied externally. The BBSM_LP core digital
domain logic is supplied by an internal LDO.
Figure 3 is the power architecture diagram for the whole chip. Note that it only shows power supplies, and does not show capacitors
that may be required for internal LDO regulators.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
16 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com