Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 57 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 53Page - NXP Semiconductors IMX93CEC Datasheet HTML 54Page - NXP Semiconductors IMX93CEC Datasheet HTML 55Page - NXP Semiconductors IMX93CEC Datasheet HTML 56Page - NXP Semiconductors IMX93CEC Datasheet HTML 57Page - NXP Semiconductors IMX93CEC Datasheet HTML 58Page - NXP Semiconductors IMX93CEC Datasheet HTML 59Page - NXP Semiconductors IMX93CEC Datasheet HTML 60Page - NXP Semiconductors IMX93CEC Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 123 page
background image
• The maximum supported SDR frequency is 200 MHz which is covered in HS200 mode, and the maximum DDR frequency is
200 MHz as a part of HS400 mode.
uSDHC3 supports up to SDR104 (200 MHz) on primary SD3_* pins, but when it is multiplexing on GPIO_IO[27:22], below are the
modes supported:
• eMMC High Speed DDR, High Speed SDR, and less than or equal to 26 MHz MMC legacy protocols are supported.
• SDR50 (100 MHz) and SDR104 (200 MHz) modes are NOT supported.
• eMMC HS400 and HS200 modes are NOT supported
• The maximum supported SDR and DDR frequency is 50 and 52 MHz
If IO is supplied by 3.3 V, the maximum supported SDR/DDR frequency is 50/52 MHz
4.12.2 Ethernet controller (ENET) AC electrical specifications
Ethernet supports the following key features:
• Support ENET AVB
• Support IEEE 1588
• Support Energy Efficient Ethernet (EEE)
• 1.8 V/3.3 V RMII operation, 1.8 V RGMII operation
The following sections introduce the ENET AC electrical specifications.
4.12.2.1 ENET2 signal mapping
The following timing specs are defined at the chip I/O pin and must be translated appropriately to arrive at timing specs/constraints
for the physical interface.
Table 61. ENET2 signal mapping[1]
Pad name
RGMII
Alt mode
RMII
Alt mode
Direction
ENET2_MDC
RGMII_MDC
Alt 0
RMII_MDC
Alt 0
O
ENET2_MDIO
RGMII_MDIO
Alt 0
RMII_MDIO
Alt 0
I/O
ENET2_TXC
RGMII_TXC
Alt 0
RMII_TX_ER
Alt 1
O
ENET2_TX_CTL
RGMII_TX_CTL
Alt 0
RMII_TX_EN
Alt 0
O
ENET2_TD0
RGMII_TD0
Alt 0
RMII_TD0
Alt 0
O
ENET2_TD1
RGMII_TD1
Alt 0
RMII_TD1
Alt 0
O
ENET2_TD2
RGMII_TD2
Alt 0
RMII_REF_CLK[2]
Alt 1
I/O
ENET2_TD3
RGMII_TD3
Alt 0
—
Alt 0
O
ENET2_RXC
RGMII_RXC
Alt 0
RMII_RX_ER
Alt 1
I
ENET2_RX_CTL
RGMII_RX_CTL
Alt 0
RMII_CRS_DV
Alt 0
I
ENET2_RD0
RGMII_RD0
Alt 0
RMII_RD0
Alt 0
I
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
57 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com