Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 76 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 72Page - NXP Semiconductors IMX93CEC Datasheet HTML 73Page - NXP Semiconductors IMX93CEC Datasheet HTML 74Page - NXP Semiconductors IMX93CEC Datasheet HTML 75Page - NXP Semiconductors IMX93CEC Datasheet HTML 76Page - NXP Semiconductors IMX93CEC Datasheet HTML 77Page - NXP Semiconductors IMX93CEC Datasheet HTML 78Page - NXP Semiconductors IMX93CEC Datasheet HTML 79Page - NXP Semiconductors IMX93CEC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
TSCKD
TSCKDQS
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
FLEXSPI_DQS
Figure 47. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3
4.12.9.2 FlexSPI output/write timing
The following sections describe output signal timing for the FlexSPI controller including control signals and data outputs.
4.12.9.2.1 SDR mode
Table 88. FlexSPI output timing in SDR mode (Nominal and Overdrive mode)[1]
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[2]
—
200
MHz
Tck
SCK clock period
5
—
ns
TDVO
Output data valid time
—
0.6
ns
TDHO
Output data hold time
-0.6
—
ns
TCSS
Chip select output setup time[3]
(TCSS + 0.5) x
Tck - 0.6
—
ns
TCSH
Chip select output hold time
[3]
(TCSH x Tck) -
0.6
—
ns
[1] These timing specifications are valid only for 1.8 V nominal I/O pad supply voltage. For 3.3 V I/O supply, see Table 89
[2] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
[3] TCSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register. See i.MX 93 Applications Processor Reference Manual (IMX93RM) for more details.
Table 89. FlexSPI output timing in SDR mode (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[1]
—
133[2]
MHz
Tck
SCK clock period
7.5
—
ns
TDVO
Output data valid time
—
2
ns
TDHO
Output data hold time
-2
—
ns
TCSS
Chip select output setup time
(TCSS + 0.5) x
Tck - 2
—
ns
TCSH
Chip select output hold time
[3]
(TCSH x Tck) - 2 —
ns
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
76 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com