Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors IMX93CEC Datasheet HTML 11Page - NXP Semiconductors IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
@
#Cortex-A cores
2
Dual-core
1
Single core
+
Temperature Tj support
D
Commercial: 0˚C to +95°C
C
Industrial: -40˚C to +105°C
X
Extended Industrial:-40˚C to +125°C
A
Automotive: -40˚C to +125
˚C
#
Cortex-A maximum CPU
frequency
M
1.7 GHz
D
900 MHz
VV
Package type
VT
14 x 14 mm, 0.65 mm pitch,
FCBGA306
VV
11 x 11 mm, 0.5 mm pitch,
FCBGA306
VX
9 x 9 mm, 0.5 mm pitch, FCBGA208
Q
Qualification
level
P
Samples
M
Mass Production
S
Special
93
Family
93
i.MX9300
&
Silicon Rev
B
Rev A1
C
Rev A2
%
Special Fuse
A
No special fuse
B
Full featured with GDET enabled
QIMX93 - @+VV$#%&
Temperature Tj support
Cortex-A maximum CPU frequency
/ Reserved
#Cortex-A cores
Silicon Revision
Special Fuse
Qualification Level
Family
Package type
93
9 x 9
mm
93
14 x 14
mm
93
11 x 11
mm
Sub-family
2
5
5
With NPU (Full -
featured)
1
3
3
Without NPU
0
Reduced
feature/performance
$
Reserved
Can be used to designate special
versions, e.g., reduced GPU
performance
X
No additional information required
Z
Reserved
Sub-family
Figure 1. Part number nomenclature—i.MX 93 processors
2 Block diagram
Figure 2 shows the functional modules in the i.MX 93 processor system.[1]
[1] Some modules shown in this block diagram are not offered on all derivatives. This block diagram may also show less
modules than available in some derivatives. See Table 2 for details.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
9 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com