| Electronic Components Datasheet Search |
|
IMX93CEC Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX93CEC Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 123 page ![]() [1] Actual working drive level is dependent on real design. Please contact crystal vendor for selecting drive level of crystal. 4.1.7 Maximum supply currents Power consumption is highly dependent on the application. Estimating the maximum supply currents required for power supply design is difficult because the use cases that requires maximum supply current is not a realistic use cases. To help illustrate the effect of the application on power consumption, data was collected while running commercial standard benchmarks that are designed to be compute and graphic intensive. The results provided are intended to be used as guidelines for power supply design. Table 20. Maximum supply currents Power rail Max current Unit VDD_SOC 2700 mA VDD_ANA_0P8 50 mA VDD_ANAx_1P8 [1] 250 mA NVCC_BBSM_1P8 2 mA NVCC_GPIO, NVCC_WAKEUP, NVCC_AON Imax = N x C x V x (0.5 x F) Where: N—Number of IO pins supplied by the power line C—Equivalent external capacitive load V—IO voltage (0.5 x F)—Data change rate. Up to 0.5 of the clock rate (F). In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz. VDDQ_DDR 160 mA VDD2_DDR 525 mA VDD_MIPI_0P8 (for MIPI CSI-2 2-lane Rx PHY) 18 mA VDD_MIPI_0P8 (for MIPI-DSI 4-lane Tx PHY) 33 mA VDD_MIPI_1P8 (for MIPI CSI-2 2-lane Rx PHY) 2.5 mA VDD_MIPI_1P8 (for MIPI-DSI 4-lane Tx PHY) 9.5 mA VDD_USB_3P3 (for USB PHY) 25.2 mA VDD_USB_1P8 (for USB PHY) 36.2 mA VDD_USB_0P8 (for USB PHY) 22.2 mA VDD_LVDS_1P8 Max dynamic current 45 mA [1] VDD_ANAx_1P8 refers to VDD_ANA0_1P8, VDD_ANA1_1P8, and VDD_ANAVDET_1P8. NXP Semiconductors IMX93CEC i.MX 93 Applications Processors Data Sheet for Commercial Products IMX93CEC All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 7 — 12 February 2026 Document feedback 21 / 123 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |