Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 90 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 86Page - NXP Semiconductors IMX93CEC Datasheet HTML 87Page - NXP Semiconductors IMX93CEC Datasheet HTML 88Page - NXP Semiconductors IMX93CEC Datasheet HTML 89Page - NXP Semiconductors IMX93CEC Datasheet HTML 90Page - NXP Semiconductors IMX93CEC Datasheet HTML 91Page - NXP Semiconductors IMX93CEC Datasheet HTML 92Page - NXP Semiconductors IMX93CEC Datasheet HTML 93Page - NXP Semiconductors IMX93CEC Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
GPIO_IO10
N17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[10]
Input with PD
GPIO_IO11
N18
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[11]
Input with PD
GPIO_IO12
N20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[12]
Input with PD
GPIO_IO13
N21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[13]
Input with PD
GPIO_IO14
P20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[14]
Input with PD
GPIO_IO15
P21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[15]
Input with PD
GPIO_IO16
R21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[16]
Input with PD
GPIO_IO17
R20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[17]
Input with PD
GPIO_IO18
R18
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[18]
Input with PD
GPIO_IO19
R17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[19]
Input with PD
GPIO_IO20
T20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[20]
Input with PD
GPIO_IO21
T21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[21]
Input with PD
GPIO_IO22
U18
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[22]
Input with PD
GPIO_IO23
U20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[23]
Input with PD
GPIO_IO24
U21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[24]
Input with PD
GPIO_IO25
V21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[25]
Input with PD
GPIO_IO26
V20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[26]
Input with PD
GPIO_IO27
W21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[27]
Input with PD
GPIO_IO28
W20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[28]
Input with PD
GPIO_IO29
Y21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[29]
Input with PD
I2C1_SCL
C20
NVCC_AON
GPIO
Alt5
GPIO1.IO[0]
Input with PD
I2C1_SDA
C21
NVCC_AON
GPIO
Alt5
GPIO1.IO[1]
Input with PD
I2C2_SCL
D20
NVCC_AON
GPIO
Alt5
GPIO1.IO[2]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
90 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com