Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors IMX93CEC Datasheet HTML 11Page - NXP Semiconductors IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors IMX93CEC Datasheet HTML 15Page - NXP Semiconductors IMX93CEC Datasheet HTML 16Page - NXP Semiconductors IMX93CEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
4.1 Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 7 for a quick reference to the individual tables
and sections.
Table 7. i.MX 93 chip-level conditions
For these characteristics, …
Topic appears …
Absolute maximum ratings
Absolute maximum ratings
Thermal resistance
Thermal resistance
Operating ranges
Operating ranges
Clock sources
Clock sources
Maximum supply currents
Maximum supply currents
Power modes
Power modes
Power supplies requirements and restrictions
Power supplies requirements and
restrictions
4.1.1 Absolute maximum ratings
CAUTION
Stresses beyond those listed in the following table may reduce the operating lifetime or cause immediate permanent damage
to the device. The table below does not imply functional operation beyond those indicated in the operating ranges and
parameters table.
Table 8. Absolute maximum ratings
Parameter description
Symbol
Min
Max
Unit
Notes
Core supplies input voltages
VDD_SOC
-0.3
1.15
V
—
GPIO supply voltage
NVCC_GPIO,
NVCC_WAKEUP,
NVCC_AON
-0.3
3.8
V
—
I/O supply for SD2
NVCC_SD2
-0.3
3.8
V
—
DDR PHY supply voltage
VDD2_DDR
-0.3
1.575
V
—
DDR I/O supply voltage
VDDQ_DDR
-0.3
1.575
V
—
I/O supply and I/O Pre-driver
supply for BBSM bank
NVCC_BBSM_1P8
-0.3
2.15
V
—
USB VBUS input detected
USB1_VBUS,
USB2_VBUS
-0.3
3.95
V
—
Power for USB OTG PHY
VDD_USB_0P8
-0.3
1.15
V
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
13 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com