Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 92 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 88Page - NXP Semiconductors IMX93CEC Datasheet HTML 89Page - NXP Semiconductors IMX93CEC Datasheet HTML 90Page - NXP Semiconductors IMX93CEC Datasheet HTML 91Page - NXP Semiconductors IMX93CEC Datasheet HTML 92Page - NXP Semiconductors IMX93CEC Datasheet HTML 93Page - NXP Semiconductors IMX93CEC Datasheet HTML 94Page - NXP Semiconductors IMX93CEC Datasheet HTML 95Page - NXP Semiconductors IMX93CEC Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
MIPI_DSI1_D2_N
A8
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D2_P
B8
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D3_N
A9
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D3_P
B9
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_REXT
D8
MIPI_DSI1_VPH
PHY
—
—
—
ONOFF
A19
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.ONOFF
Input without
PU / PD
PDM_BIT_STREAM0
J17
NVCC_AON
GPIO
Alt5
GPIO1.IO[9]
Input with PD
PDM_BIT_STREAM1
G18
NVCC_AON
GPIO
Alt5
GPIO1.IO[10]
Input with PD
PDM_CLK
G17
NVCC_AON
GPIO
Alt5
GPIO1.IO[8]
Input with PD
PMIC_ON_REQ
A17
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.PMIC_ON_REQ
Output high
without PU /
PD
PMIC_STBY_REQ
B18
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.PMIC_STBY_
REQ
Output low
without PU /
PD
POR_B
A16
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.POR_B
Input without
PU / PD
RTC_XTALI
E16
NVCC_BBSM_1P8 ANALOG
Alt0
BBSMMIX.RTC
—
RTC_XTALO
D16
NVCC_BBSM_1P8 ANALOG
—
—
—
SAI1_RXD0
H20
NVCC_AON
GPIO
Alt5
GPIO1.IO[14]
Input with PD
SAI1_TXC
G20
NVCC_AON
GPIO
Alt5
GPIO1.IO[12]
Input with PD
SAI1_TXD0
H21
NVCC_AON
GPIO
Alt5
GPIO1.IO[13]
CCMSRCGPCMIX.BOOT_
MODE[3]
Input with PD
SAI1_TXFS
G21
NVCC_AON
GPIO
Alt5
GPIO1.IO[11]
CCMSRCGPCMIX.BOOT_
MODE[2]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
92 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com