Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 75 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 71Page - NXP Semiconductors IMX93CEC Datasheet HTML 72Page - NXP Semiconductors IMX93CEC Datasheet HTML 73Page - NXP Semiconductors IMX93CEC Datasheet HTML 74Page - NXP Semiconductors IMX93CEC Datasheet HTML 75Page - NXP Semiconductors IMX93CEC Datasheet HTML 76Page - NXP Semiconductors IMX93CEC Datasheet HTML 77Page - NXP Semiconductors IMX93CEC Datasheet HTML 78Page - NXP Semiconductors IMX93CEC Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 123 page
background image
Table 85. FlexSPI input timing in DDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0x1 (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[1]
—
66
MHz
F1
Setup time for incoming data
1.5
—
ns
F2
Hold time for incoming data
1
—
ns
[1] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
F1
F2
F1 F2
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
Internal Sample Clocks
Figure 46. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1
4.12.9.1.4 DDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x3
Note: In this mode, it is only working under 1.8 V.
Table 86. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Nominal and Overdrive mode)
[1]
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
200
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-0.6
0.6
ns
[1] These timing specifications are valid only for 1.8 V nominal I/O pad supply voltage.
Table 87. FlexSPI input timing in DDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0x3 (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
133
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-0.9
0.9
ns
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
75 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com