Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX93CEC Datasheet HTML 1Page - NXP Semiconductors IMX93CEC Datasheet HTML 2Page - NXP Semiconductors IMX93CEC Datasheet HTML 3Page - NXP Semiconductors IMX93CEC Datasheet HTML 4Page - NXP Semiconductors IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 123 page
background image
Table 1. Features ...continued
Subsystem
Features
• Image rotation (90°, 180°, 270°)
• Image resize
• Color space conversion
• Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400)
• Standard 2D-DMA operation
LCDIF Display Controller
The LCDIF can drive any of three displays:
• MIPI DSI: up to 1920x1200p60
• LVDS Tx: up to 1366x768p60 or 1280x800p60
• Parallel display: up to 1366x768p60 or 1280x800p60
MIPI CSI-2 Interface
One 2-lane MIPI CSI-2 camera input:
• Complaint with MIPI CSI-2 specification v1.3 and MIPI D-PHY specification v1.2
• Supports up to 2 Rx data lanes (plus 1 Rx clock lane)
• Supports 80 Mbps – 1.5 Gbps per lane data rate in high speed operation
• Supports 10 Mbps data rate in low power operation
MIPI DSI Interface
One 4-lane MIPI DSI display with data supplied by the LCDIF
• Compliant with MIPI DSI specification v1.2 and MIPI D-PHY specification v1.2
• Capable of resolutions achievable with a 200 MHz pixel clock and active pixel rate
of 140 Mpixel/s with 24-bit RGB.
• Supports 80 Mbps—1.5 Gbps data rate per lane in high speed operation
• Supports 10 Mbps data rate in low power operation
Audio
• Three SAI interfaces:
— SAI1 supports 2 lanes TX and 1 lane RX
— SAI2 supports 4 lanes TX and RX
— SAI3 supports 1 lane TX and RX
— SAI2 and SAI3 support glue-less switching between PCM and stereo
DSD operation
• One SPDIF supports raw capture mode that can save all the incoming bits into
audio buffer
• 24-bit PDM supports up to 8-microphones (4 lanes)
GPIO and input/output multiplexing
General-purpose input/output (GPIO) modules with interrupt capability
Input/output multiplexing controller (IOMUXC) to provide centralized pad control
Power management
Temperature sensor with programmable trip points
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
4 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com