Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX93CEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX93CEC Datasheet HTML 1Page - NXP Semiconductors IMX93CEC Datasheet HTML 2Page - NXP Semiconductors IMX93CEC Datasheet HTML 3Page - NXP Semiconductors IMX93CEC Datasheet HTML 4Page - NXP Semiconductors IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 123 page
background image
Table 1. Features ...continued
Subsystem
Features
• Two-way set-associative 16 KB System Cache with parity support
• Two-way set-associative 16 KB Code Cache with parity support
• 256 KB tightly coupled memory (TCM)
Neural Processing Unit (NPU)
Neural Network performance (256 MACs operating up to 1.0 GHz and 2 OPS/MAC)
• NPU targets 8-bit and 16-bit integer RNN
• Handles 8-bit weights
Image Sensor Interface (ISI)
• Standard pixel formats commonly used in many camera input protocols
• Programmable resolutions up to 2K
• Image processing for:
— Supports one source of up to 2K horizontal resolution
— Supports pixel rate up to 200 Mpixel/s
• Image down scaling via decimation and bi-phase filtering
• Color space conversion
• Interlaced to progressive conversions
On-chip memory
Boot ROM (256 KB) for Cortex®-A55
Boot ROM (256 KB) for Cortex®-M33
On-chip RAM (640 KB)
External memory interface
16-bit DRAM interface:
• LPDDR4X/LPDDR4 with inline ECC
• Supports up to 2 Gbyte DDR memory space
Three Ultra Secure Digital Host Controller (uSDHC) interfaces:
• One eMMC 5.1 (8-bit) compliance with HS400 DDR signaling to support up to 400
MB/sec
• One SDXC (4-bit, no eMMC5.1, with extended capacity)
• One SDIO (4-bit, SD/SDIO 3.01 compliance with 200 MHz SDR signaling and up
to 100 MB/sec)
FlexSPI Flash with support for XIP (for Cortex®-A55 in low-power mode) and support
for either one Octal SPI or Quad SPI FLASH device. It also supports both Serial NOR
and Serial NAND flash using the FlexSPI.
Pixel Pipeline (PXP)
• BitBlit
• Flexible image composition options—alpha, chroma key
• Porter-Duff operation
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
3 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com