Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 58Page - STMicroelectronics ST7SCR Datasheet HTML 59Page - STMicroelectronics ST7SCR Datasheet HTML 60Page - STMicroelectronics ST7SCR Datasheet HTML 61Page - STMicroelectronics ST7SCR Datasheet HTML 62Page - STMicroelectronics ST7SCR Datasheet HTML 63Page - STMicroelectronics ST7SCR Datasheet HTML 64Page - STMicroelectronics ST7SCR Datasheet HTML 65Page - STMicroelectronics ST7SCR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
ST7SCR
62/101
SMARTCARD INTERFACE (Cont’d)
12.4.3.6 Card Deactivation Sequence
This sequence can be activated in two different
ways:
– Automatically as soon as the card presence de-
tector detects a card removal (via the CRDIRF bit
in the CRDSR register, refer to Section 12.4.3.5).
– By software, writing the CRDVCC bit in the CRD-
CR register, for example:
– If there is a smartcard current overflow (i.e.
when the IOVFF bit in the CRDSR register is
set)
– If the voltage is not within the specified range
(i.e. when the VCARDOK bit in the CRDSR
register is cleared), but software must clear
the CRDVCC bit in the CRDCCR register to
start the deactivation sequence.
When the CRDVCC bit is cleared, this starts the
deactivation
sequence.
CRDCLK,
CRDIO,
CRDC4 and CRDC8 pins are then deactivated as
shown in Figure 35:
Figure 35. Card deactivation sequence
Figure 36. Card voltage selection and power OFF block diagram
CRDVCC pin
CRDRST pin
CRDCLK pin
CRDIO pin
CRDC4 pin
CRDC8 pin
8 CPU Clk cycles
CRDVCC
CRD
CRDCCR
BLOCK
0
7
VCC
CRDCR
0
7
IRF
CRDSR
0
7
CRD
VCARD
1
POWER OFF
IOVF
OK
CRDIER
0
7
CRDIPR
0
7
IOVP VCRD
SMARTCARD
POWER SUPPLY
BLOCK
5V
VCARDOK Interrupt Request
IOVF Interrupt Request
2
2
Card voltage selection
2
IOVM VCRD
P
M
VCARD
0
VCARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com