Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 81Page - STMicroelectronics ST7SCR Datasheet HTML 82Page - STMicroelectronics ST7SCR Datasheet HTML 83Page - STMicroelectronics ST7SCR Datasheet HTML 84Page - STMicroelectronics ST7SCR Datasheet HTML 85Page - STMicroelectronics ST7SCR Datasheet HTML 86Page - STMicroelectronics ST7SCR Datasheet HTML 87Page - STMicroelectronics ST7SCR Datasheet HTML 88Page - STMicroelectronics ST7SCR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
ST7SCR
85/101
tON
VCRDVCCTurn on Time (see Figure
37)
CLOADmax ≤ 4.7uF
150
500
µs
VCRDVCC
VCARD above minimum supply volt-
age
4.52 1)
4.76 1)
V
IVDD
VDD supply current
(See note 3)
100
mA
3V regulator output (for IEC7816-3 Class B Cards)
VCRDVCC
SmartCard Power Supply Voltage
2.7
3.0
3.3
V
ISC
SmartCard Supply Current
50
mA
IOVDET
Current Overload Detection
100 1)
mA
tIDET
Detection time on Current Overload
170 1)
1400 1)
us
tOFF
VCRDVCC Turn off Time (see Figure
37)
CLOADmax≤4.7uF
750
us
tON
VCRDVCC Turn on Time (see Figure
37)
CLOADmax ≤ 4.7uF
150
500
µs
1.8V regulator output (for IEC7816-3 Class C Cards)
VCRDVCC
SmartCard Power Supply Voltage
1.65
1.95
V
ISC
SmartCard Supply Current
20
mA
IOVDET
Current Overload Detection
1001)
mA
tIDET
Detection time on Current Overload
170 1)
1400 1)
us
tOFF
VCRDVCC Turn off Time (see Figure
37)
CLOADmax ≤ 4.7uF
750
us
tON
VCRDVCC Turn on Time (see Figure
37)
CLOADmax ≤ 4.7uF
150
500
µs
Smartcard CLKPin
VOL
Output Low Level Voltage
I=-50uA
-
-
0.4
2)
V
VOH
Output High Level Voltage
I=50uA
VCRDVCC-0.5
2)
--
V
TOHL
Output H-L Fall Time 1)
Cl=30pF
-
20
ns
TOLH
Output L-H Rise Time 1)
Cl=30pF
-
20
ns
FVAR
Frequency variation 1)
-1
%
FDUTY
Duty cycle 1)
45
55
%
POL
Signal low perturbation 1)
-0.25
0.4
V
POH
Signal high perturbation 1)
VCRDVCC-0.5
VCRDVCC+0.25
V
ISGND
Short-circuit to Ground 1)
15
mA
Smartcard I/O Pin
VIL
Input Low Level Voltage
-
-
0.5 2)
V
VIH
Input High Level Voltage
0.6VCRDVCC
2)
--
V
VOL
Output Low Level Voltage
I=-0.5mA
-
-
0.4
2)
V
VOH
Output High Level Voltage
I=20uA
0.8VCRDVCC
2)
-VCRDVCC
2)
V
IL
Input Leakage Current 1)
VSS<VIN<VSC_PWR
-10
-
10
µA
IRPU
Pull-up Equivalent Resistance
VIN=VSS
24
30
K
Ω
TOHL
Output H-L Fall Time 1)
Cl=30pF
-
0.8
us
TOLH
Output L-H Rise Time 1)
Cl=30pF
-
0.8
us
ISGND
Short-circuit to Ground 1)
15
mA
Smartcard RST C4 and C8 Pin
VOL
Output Low Level Voltage
I=-0.5mA
-
-
0.4
2)
V
VOH
Output High Level Voltage
I=20uA
VCRDVCC-0.5
2)
-VCRDVCC
2)
V
TOHL
Output H-L Fall Time 1)
Cl=30pF
-
0.8
us
SMARTCARD SUPPLY SUPERVISOR
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com