Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 46Page - STMicroelectronics ST7SCR Datasheet HTML 47Page - STMicroelectronics ST7SCR Datasheet HTML 48Page - STMicroelectronics ST7SCR Datasheet HTML 49Page - STMicroelectronics ST7SCR Datasheet HTML 50Page - STMicroelectronics ST7SCR Datasheet HTML 51Page - STMicroelectronics ST7SCR Datasheet HTML 52Page - STMicroelectronics ST7SCR Datasheet HTML 53Page - STMicroelectronics ST7SCR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 101 page
background image
ST7SCR
50/101
USB INTERFACE (Cont’d)
DEVICE ADDRESS REGISTER (DADDR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = Reserved, forced by hardware to 0.
Bits 6:0 = ADD[6:0] Device address, 7 bits.
Software must write into this register the address
sent by the host during enumeration.
Note: This register is also reset when a USB reset
is received or forced through bit FRES in the US-
BCTLR register.
USB STATUS REGISTER (USBSR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:6 = PID[1:0] Token PID bits 1 & 0 for End-
point 0 Control.
USB token PIDs are encoded in four bits. PID[1:0]
correspond to the most significant bits of the PID
field of the last token PID received by Endpoint 0.
Note: The least significant PID bits have a fixed
value of 01.
When a CTR interrupt occurs on Endpoint 0 (see
register USBISTR) the software should read the
PID[1:0] bits to retrieve the PID name of the token
received.
The USB specification defines PID bits as:
Bit 5 = IN/OUT Last transaction direction for End-
point 1, 2 , 3, 4 or 5.
This bit is set by hardware when a CTR interrupt
occurs on Endpoint 1, 2, 3, 4 or 5.
0: OUT transaction
1: IN transaction
Bits 4:3 = Reserved, forced by hardware to 0.
Bits 2:0 = EP[2:0] Endpoint number.
These bits identify the endpoint which required at-
tention.
000 = Endpoint 0
001 = Endpoint 1
010 = Endpoint 2
011 = Endpoint 3
100 = Endpoint 4
101 = Endpoint 5
ERROR STATUS REGISTER (ERRSR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:3 = Reserved, forced by hardware to 0.
Bits 2:0 = ERR[2:0] Error type.
These bits identify the type of error which oc-
curred.
Note: these bits are set by hardware when an er-
ror interrupt occurs and are reset automatically
when the error bit (USBISTR bit 4) is cleared by
software.
70
0
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
70
PID1
PID0
IN/
OUT
0
0
EP2
EP1
EP0
PID1
PID0
PID Name
00
OUT
10
IN
11
SETUP
70
0
0
0
0
0
ERR2
ERR1
ERR0
ERR2 ERR1 ERR0
Meaning
000
No error
0
0
1
Bitstuffing error
0
1
0
CRC error
011
EOP error (unexpected end of
packet or SE0 not followed by
J-state)
100
PID error (PID encoding error,
unexpected or unknown PID)
101
Memory over / underrun (mem-
ory controller has not an-
swered in time to a memory
data request)
111
Other error (wrong packet,
timeout error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com