Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 89Page - STMicroelectronics ST7SCR Datasheet HTML 90Page - STMicroelectronics ST7SCR Datasheet HTML 91Page - STMicroelectronics ST7SCR Datasheet HTML 92Page - STMicroelectronics ST7SCR Datasheet HTML 93Page - STMicroelectronics ST7SCR Datasheet HTML 94Page - STMicroelectronics ST7SCR Datasheet HTML 95Page - STMicroelectronics ST7SCR Datasheet HTML 96Page - STMicroelectronics ST7SCR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 101 page
background image
ST7SCR
93/101
16.1 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file in .S19
format generated by the development tool. All un-
used bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly completed OP-
TION LIST appended. See page 94.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 48. Sales Type Coding Rules
Table 24. Ordering Information
Notes:
1. /xxx stands for the ROM or FASTROMcode
name assigned by STMicroelectronics.
2. New sales type coding rules for this device con-
figuration exist and are shown without coding for
the number of pins and ROM size.
ST7
F SCR1
R 4 B 1 / xxx
Family
Version Code
Sub family
Number of pins *
ROM Size Code *
Package Type
Temperature Code
ROM Code (three letters)
1 = Standard (0 to +70°C)
T = LQFP
4 = 16K R = 64 pins
No letter = ROM
M = Plastic SO
x = 24pins
F = Flash
U = QFN
P = FASTROM
* Optional codes
Sales Type 1)
Program
Memory (bytes)
RAM
(bytes)
Package
ST7SCR1R4T1/xxx or
ST7SCR1T1/xxx 2)
16K ROM
768
LQFP64
ST7PSCR1R4T1/xxx 16K FASTROM
ST7FSCR1R4T1
16K Flash
ST7SCR1E4M1/xxx
or ST7SCR1M1/xxx 2)
16K ROM
SO24
ST7PSCR1E4M1/xxx 16K FASTROM
ST7FSCR1E4U1
16K Flash
ST7SCR1U1/xxx 2)
16K ROM
QFN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com