Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 88Page - STMicroelectronics ST7SCR Datasheet HTML 89Page - STMicroelectronics ST7SCR Datasheet HTML 90Page - STMicroelectronics ST7SCR Datasheet HTML 91Page - STMicroelectronics ST7SCR Datasheet HTML 92Page - STMicroelectronics ST7SCR Datasheet HTML 93Page - STMicroelectronics ST7SCR Datasheet HTML 94Page - STMicroelectronics ST7SCR Datasheet HTML 95Page - STMicroelectronics ST7SCR Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
ST7SCR
92/101
16 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (High Density FLASH) as
well as in factory coded versions (ROM/FAS-
TROM).
ST7SCR devices are ROM versions. ST7PSCR
devices are Factory Advanced Service Technique
ROM (FASTROM) versions: they are factory pro-
grammed FLASH devices.
ST7FSCR FLASH devices are shipped to custom-
ers with a default content (FFh).
This implies that FLASH devices have to be con-
figured by the customer using the Option Byte
while the ROM devices are factory-configured.
16.0.1 Option Bytes
The 8 option bits from the flash are programmed
through the static option byte SOB1. The descrip-
tion of each of these 8 bits is given below.
Static option Byte (SOB1)
OPT7:6 = Reserved
OPT5= WDGSW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always activated)
1: Software (watchdog to be activated by software)
OPT4 = NEST Interrupt Controller
This bit enables the nested Interrupt Controller.
0: Nested interrupt controller disabled
1: Nested interrupt controller enabled
OPT3 = ISOCLK Clock source selection
0: Card clock is generated by the divider (48MHz/
12 = 4MHz).
1: Card clock is generated by the oscillator.
OPT2 = RETRY Number of Retries for UART ISO
0: In case of an erroneous transfer, character is
transmitted 4 times.
1: In case of an erroneous transfer, character is
transmitted 5 times.
OPT1 = Reserved, must be kept at 1.
OPT0 = FMP_R Flash memory read-out protec-
tion
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
This protection is based on read and a write pro-
tection of the memory in test modes and ICP
mode. Erasing the option bytes when the FMP_R
option is selected induce the whole user memory
erasing first and the device can be reprogrammed.
Refer to the ST7 Flash Programming Reference
Manual and section 4.6 on page 17 for more de-
tails
.
0 : read-out protection enabled
1 : read-out protection disabled
OPT
765
432
1
OPT
0
--
--
WDG-
SW
NEST ISOCLK RETRY
-
FMP_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com