Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 74Page - STMicroelectronics ST7SCR Datasheet HTML 75Page - STMicroelectronics ST7SCR Datasheet HTML 76Page - STMicroelectronics ST7SCR Datasheet HTML 77Page - STMicroelectronics ST7SCR Datasheet HTML 78Page - STMicroelectronics ST7SCR Datasheet HTML 79Page - STMicroelectronics ST7SCR Datasheet HTML 80Page - STMicroelectronics ST7SCR Datasheet HTML 81Page - STMicroelectronics ST7SCR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
ST7SCR
78/101
14 ELECTRICAL CHARACTERISTICS
14.1 ABSOLUTE MAXIMUM RATINGS
This product contains devices for protecting the in-
puts against damage due to high static voltages,
however it is advisable to take normal precautions
to avoid appying any voltage higher than the spec-
ified maximum rated voltages.
For proper operation it is recommended that VI
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations. The average chip-junc-
tion temperature, TJ, in Celsius can be obtained
from:
TJ =
TA + PD x RthJA
Where:
TA =
Ambient Temperature.
RthJA =Package thermal resistance
(junction-to ambient).
PD =
PINT + PPORT.
PINT =IDD x VDD (chip internal power).
PPORT =Port power dissipation
determined by the user)
Stresses above those listed as “absolute maxi-
mum ratings” may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device at these conditions is
not implied. Exposure to maximum rating for ex-
tended periods may affect device reliability.
General Warning: Direct connection to VDD or VSS of the I/O pins could damage the device in case of program counter
corruption (due to unwanted change of the I/O configuration). To guarantee safe conditions, this connection has to be
done through a typical 10K
Ω pull-up or pull-down resistor.
Thermal Characteristics
Symbol
Ratings
Value
Unit
VDD - VSS
Supply voltage
6.0
V
VIN
Input voltage
VSS - 0.3 to VDD + 0.3
V
VOUT
Output voltage
VSS - 0.3 to VDD + 0.3
V
ESD
ESD susceptibility
2000
V
ESDCard
ESD susceptibility for card pads
4000
V
IVDD_i
Total current into VDD_i (source)
250
mA
IVSS_i
Total current out of VSS_i (sink)
250
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance
LQFP64
SO24
QFN24
60
80
42
°C/W
TJmax
Max. junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
PDmax
Power dissipation
QFN24
SO24
600
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com