Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 12Page - STMicroelectronics ST7SCR Datasheet HTML 13Page - STMicroelectronics ST7SCR Datasheet HTML 14Page - STMicroelectronics ST7SCR Datasheet HTML 15Page - STMicroelectronics ST7SCR Datasheet HTML 16Page - STMicroelectronics ST7SCR Datasheet HTML 17Page - STMicroelectronics ST7SCR Datasheet HTML 18Page - STMicroelectronics ST7SCR Datasheet HTML 19Page - STMicroelectronics ST7SCR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
ST7SCR
16/101
FLASH PROGRAM MEMORY (Cont’d)
4.4 ICP (In-Circuit Programming)
To perform ICP the microcontroller must be
switched to ICC (In-Circuit Communication) mode
by an external controller or programming tool.
Depending on the ICP code downloaded in RAM,
Flash memory programming can be fully custom-
ized (number of bytes to program, program loca-
tions, or selection serial communication interface
for downloading).
When using an STMicroelectronics or third-party
programming tool that supports ICP and the spe-
cific microcontroller device, the user needs only to
implement the ICP hardware interface on the ap-
plication board (see Figure 9). For more details on
the pin locations, refer to the device pinout de-
scription.
ICP needs six signals to be connected to the pro-
gramming tool. These signals are:
–VSS: device power supply ground
–VDD: for reset by LVD
– OSCIN: to force the clock during power-up
– ICCCLK: ICC output serial clock pin
– ICCDATA: ICC input serial data pin
–VPP: ICC mode selection and programming
voltage.
If ICCCLK or ICCDATA are used for other purpos-
es in the application, a serial resistor has to be im-
plemented to avoid a conflict in case one of the
other devices forces the signal level.
Note: To develop a custom programming tool, re-
fer to the ST7 FLASH Programming and ICC Ref-
erence Manual which gives full details on the ICC
protocol hardware and software.
4.5 IAP (In-Application Programming)
This mode uses a BootLoader program previously
stored in Sector 0 by the user (in ICP mode or by
plugging the device in a programming tool).
This mode is fully controlled by user software. This
allows it to be adapted to the user application, (us-
er-defined strategy for entering programming
mode, choice of communications protocol used to
fetch the data to be stored, etc.). For example, it is
possible to download code from the USB interface
and program it in the Flash. IAP mode can be used
to program any of the Flash sectors except Sector
0, which is write/erase protected to allow recovery
in case errors occur during the programming oper-
ation.
Figure 9. Typical ICP Interface
ICP PROGRAMMING TOOL CONNECTOR
10k
Ω
CL2
CL1
ST7
HE10 CONNECTOR TYPE
4.7k
Ω
APPLICATION BOARD
1
2
4
6
8
10
97
5
3
PROGRAMMING TOOL
ICC CONNECTOR
ICC Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com