Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 62Page - STMicroelectronics ST7SCR Datasheet HTML 63Page - STMicroelectronics ST7SCR Datasheet HTML 64Page - STMicroelectronics ST7SCR Datasheet HTML 65Page - STMicroelectronics ST7SCR Datasheet HTML 66Page - STMicroelectronics ST7SCR Datasheet HTML 67Page - STMicroelectronics ST7SCR Datasheet HTML 68Page - STMicroelectronics ST7SCR Datasheet HTML 69Page - STMicroelectronics ST7SCR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
ST7SCR
66/101
SMARTCARD INTERFACE (Cont’d)
SMARTCARD CONTACT CONTROL REGISTER
(CRDCCR)
Read/Write
Reset Value: 00xx xx00 (xxh)
Note: To modify the content of this register, the LD
instruction must be used (do not use the BSET
and BRES instructions).
Bit 7 = CLKSEL Card clock selection.
This bit is set and cleared by software.
0: The signal on the CRDCLK pin is a copy of the
CRDCLK bit.
1: The signal on the CRDCLK pin is a 4MHz fre-
quency clock.
Note: To start the clock at a known level, the CRD-
CLK bit should be changed before the CLKSEL
bit.
Bit 6 = Reserved, must be kept cleared.
Bit 5 = CRDC8 CRDC8 pin control.
Reading this bit returns the value present on the
CRDC8 pin. Writing this bit outputs the bit value on
the pin.
Bit 4 = CRDC4 CRDC4 pin control
Reading this bit returns the value present on the
CRDC4 pin. Writing this bit outputs the bit value on
the pin.
Bit 3 = CRDIO CRDIO pin control.
This bit is active only if the UART bit in the CRDCR
Register is reset. Reading this bit returns the value
present on the CRDIO pin.
If the UART bit is reset:
– Writing “0” forces a low level on the CRDIO pin
– Writing “1” forces the CRDIO pin to open drain
Hi-Z.
Bit 2 = CRDCLK CRDCLK pin control
This bit is active only if the CLKSEL bit of the CRD-
CCR register is reset. Reading this bit returns the
value present in the register (not the CRDCLK pin
value).
When the CLKSEL bit is reset:
0: Level 0 to be applied on CRDCLK pin.
1: Level 1 to be applied on CRDCLK pin.
Note: To ensure that the clock stops at a given
value, write the desired value in the CRDCLK bit
prior to changing the CLKSEL bit from 1 to 0.
Bit 1 = CRDRST CRDRST pin control.
Reading this bit returns the value present on the
CRDRST pin. Writing this bit outputs the bit value
on the pin.
Bit 0 = CRDVCC CRDVCC Pin Control.
This bit is set and cleared by software and forced
to 0 by hardware when no card is present
(CRDIRF bit=0).
0: No voltage to be applied on the CRDVCC pin.
1: The selected voltage must be applied on the
CRDVCC pin.
Figure 39. Smartcard I/O Pin Structure
70
CLK
SEL
-
CRD
C8
CRD
C4
CRD
IO
CRD
CLK
CRD
RST
CRD
VCC
I/O PIN
DATA BUS
CRDCCR
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com