Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 1 Page - STMicroelectronics

  ST7SCR Datasheet HTML 1Page - STMicroelectronics ST7SCR Datasheet HTML 2Page - STMicroelectronics ST7SCR Datasheet HTML 3Page - STMicroelectronics ST7SCR Datasheet HTML 4Page - STMicroelectronics ST7SCR Datasheet HTML 5Page - STMicroelectronics ST7SCR Datasheet HTML 6Page - STMicroelectronics ST7SCR Datasheet HTML 7Page - STMicroelectronics ST7SCR Datasheet HTML 8Page - STMicroelectronics ST7SCR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
Apr 2007
1/101
Rev. 4.0
ST7SCR
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K
FLASH, 768 RAM, SMARTCARD I/F, TIMER
■ Memories
– Up to 16K of ROM or High Density Flash (HD-
Flash) program memory with read/write pro-
tection, HDFlash In-Circuit and In-Application
Programming. 100 write/erase cycles guaran-
teed, data retention: 40 years at 55°C
– Up to 768 bytes of RAM including up to 128
bytes stack and 256 bytes USB buffer
■ Clock, Reset and Supply Management
– Low Voltage Reset
– 2 power saving modes: Halt and Wait modes
– PLL for generating 48 MHz USB clock using a
4 MHz crystal
■ Interrupt Management
– Nested Interrupt Controller
■ USB (Universal Serial Bus) Interface
– 256-byte buffer for full speed bulk, control and
interrupt transfer types compliant with USB
specification (version 2.0)
– On-Chip 3.3V USB voltage regulator and
transceivers with software power-down
– 7 USB Endpoints:
One 8-byte Bidirectional Control Endpoint
One 64-byte In Endpoint,
One 64-byte Out Endpoint
Four 8-byte In Endpoints
■ 35 or 4 I/O ports
– Up to 4 LED outputs with software program-
mable constant current (3 or 7 mA).
– 2 General purpose I/Os programmable as in-
terrupts
– Up to 8 line inputs programmable as interrupts
– Up to 20 Outputs
– 1 line assigned by default as static input after
reset
■ ISO7816-3 UART Interface
– 4 Mhz Clock generation
– Synchronous/Asynchronous protocols (T=0,
T=1)
– Automatic retry on parity error
– Programmable Baud rate from 372 clock puls-
es up to 11.625 clock pulses (D=32/F=372)
– Card Insertion/Removal Detection
■ Smartcard Power Supply
– Selectable card VCC 1.8V, 3V, and 5V
– Internal Step-up converter for 5V supplied
Smartcards (with a current of up to 55mA) us-
ing only two external components.
– Programmable Smartcard Internal Voltage
Regulator (1.8V to 3.0V) with current overload
protection and 4 KV ESD protection (Human
Body Model) for all Smartcard Interface I/Os
■ One 8-bit Timer
– Time Base Unit (TBU) for generating periodic
interrupts.
■ Development Tools
– Full hardware/software development package
Table 1. Device Summary
LQFP64 14x14
SO24
QFN24
Features
ST7FSCR1T1
ST7SCR1T1
ST7FSCR1M1
ST7SCR1M1
ST7SCR1U1
Program memory
16K FLASH
16K ROM
16K FLASH
16K ROM
16K ROM
User RAM (stack) bytes
768 (128)
Peripherals
USB Full-Speed (7 Ep), TBU, Watchdog timer, ISO7816-3 Interface
Operating Supply
4.0 to 5.5V
CPU Frequency
4 or 8 Mhz
Operating temperature
0°C to +70°C
Package
LQFP64
SO24
QFN24
1
www.st.com


Similar Part No. - ST7SCR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7SCR STMICROELECTRONICS-ST7SCR Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
ST7SCR1E4 STMICROELECTRONICS-ST7SCR1E4 Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
ST7SCR1E4M1 STMICROELECTRONICS-ST7SCR1E4M1 Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
ST7SCR1R4 STMICROELECTRONICS-ST7SCR1R4 Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
ST7SCR1R4T1 STMICROELECTRONICS-ST7SCR1R4T1 Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
More results

Similar Description - ST7SCR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST7265X STMICROELECTRONICS-ST7265X Datasheet
2Mb / 166P
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
Jun-2003
ST7SCR STMICROELECTRONICS-ST7SCR Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
Full Speed USB, 16k ISP FLASH MCU Family
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
Full-speed USB MCU with smartcard interface
23-Oct-2007
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
October 23, 2009
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
January 14, 2011
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
I/O Flash USB 8-Bit MCU with SPI
June 10, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com