Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 6Page - STMicroelectronics ST7SCR Datasheet HTML 7Page - STMicroelectronics ST7SCR Datasheet HTML 8Page - STMicroelectronics ST7SCR Datasheet HTML 9Page - STMicroelectronics ST7SCR Datasheet HTML 10Page - STMicroelectronics ST7SCR Datasheet HTML 11Page - STMicroelectronics ST7SCR Datasheet HTML 12Page - STMicroelectronics ST7SCR Datasheet HTML 13Page - STMicroelectronics ST7SCR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
ST7SCR
10/101
PIN DESCRIPTION
Figure 5. Smartcard Interface Reference Application - 24-Pin SO Package
Note 1: C1 and C2 must be located close to the
chip.
Note 2: Refer to section 6 on page 21 & Section
14.4.3 Crystal Resonator Oscillators.
LED0
DM
DP
USBVcc
OSCIN
OSCOUT
VPP
DIODE
CRDCLK
CRDRST
CRDVCC
PA6
CRDIO
C8
CRDDET
PA0
VDDA
C4
GNDA
PA1
NC
GND
VDD
SELF
VDD
CL1
CL2
C4
C5
C6
VDD
L1
C3
D1
R
LED
C1
C2
VDD
D+
D-
Mandatory values for the external components :
L1 : 10 µH, 2 Ohm
C4 : 4.7 µF,ESR 0.5 Ohm
C3 : 1 nF
Crystal 4.0 MHz, Impedance max100 Ohm
Cl1, Cl2 2)
D1: BAT42 SHOTTKY
C5 : 470 pF
C6 : 100 pF
C2 : 100nF 1)
C1 : 4.7 µF 1)
R : 1.5kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com