Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 76Page - STMicroelectronics ST7SCR Datasheet HTML 77Page - STMicroelectronics ST7SCR Datasheet HTML 78Page - STMicroelectronics ST7SCR Datasheet HTML 79Page - STMicroelectronics ST7SCR Datasheet HTML 80Page - STMicroelectronics ST7SCR Datasheet HTML 81Page - STMicroelectronics ST7SCR Datasheet HTML 82Page - STMicroelectronics ST7SCR Datasheet HTML 83Page - STMicroelectronics ST7SCR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
ST7SCR
80/101
RECOMMENDED OPERATING CONDITIONS (Cont’d)
(TA=0 to +70
oC, V
DD-VSS=5.5V unless otherwise specified)
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS; clock input (OSCIN)
driven by external square wave.
2. All I/O pins in input mode with a static value at VDD or VSS; clock input (OSCIN) driven by external square wave.
T = 0... +70oC, voltages are referred to VSS unless otherwise specified:
Note 1: Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
Note 2: Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IDD
Supply current in RUN mode 1)
fOSC = 4MHz
10
15
mA
Supply current in WAIT mode 2)
39
mA
Supply current in suspend mode
External ILOAD = 0mA
(USB transceiver enabled)
500
µA
Supply current in HALT mode
External ILOAD = 0mA
(USB transceiver disabled)
50
100
I/O PORT PINS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VDD=5V
0.3xVDD
V
VIH
Input high level voltage
VDD=5V
0.7xVDD
VHYS
Schmidt trigger voltage hysteresis 1)
400
mV
VOL
Output low level voltage
for Standard I/O port pins
I=-5mA
1.3
V
I=-2mA
0.4
VOH
Output high level voltage
I=3mA
VDD-0.8
IL
Input leakage current
VSS<VPIN<VDD
1µA
RPU
Pull-up equivalent resistor
50
90
170
K
Ω
tOHL
Output high to low level fall time
for high sink I/O port pins (Port D) 2)
Cl=50pF
68
13
ns
tOHL
Output high to low level fall time
for standard I/O port pins (Port A, B or
C) 2)
18
23
tOLH
Output L-H rise time (Port D) 2)
79
14
tOLH
Output L-H rise time for standard I/O
port pins (Port A, B or C) 2)
19
28
tITEXT
External interrupt pulse time
1
tCPU
LED PINS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ILsink
Low current
Vpad > V
DD-2.4
2
4
mA
ILsink
High current
Vpad > V
DD-2.4 for ROM device
5
6
8.4
Vpad > V
DD-2.4 for FLASH device
5
7
8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com