Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 44Page - STMicroelectronics STM32F101C4 Datasheet HTML 45Page - STMicroelectronics STM32F101C4 Datasheet HTML 46Page - STMicroelectronics STM32F101C4 Datasheet HTML 47Page - STMicroelectronics STM32F101C4 Datasheet HTML 48Page - STMicroelectronics STM32F101C4 Datasheet HTML 49Page - STMicroelectronics STM32F101C4 Datasheet HTML 50Page - STMicroelectronics STM32F101C4 Datasheet HTML 51Page - STMicroelectronics STM32F101C4 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
48/87
DocID15058 Rev 6
Low-speed internal (LSI) RC oscillator
Wakeup time from low-power mode
The wakeup times given in Table 25 are measured on a wakeup phase with an 8-MHz HSI
RC oscillator. The clock source used to wake up the device depends from the current
operating mode:
•
Stop or Standby mode: the clock source is the RC oscillator
•
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under the ambient temperature and VDD supply
voltage conditions summarized in Table 8.
5.3.8
PLL characteristics
The parameters given in Table 26 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
Table 24. LSI oscillator characteristics (1)
1. VDD = 3 V, TA = –40 to 85 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI(2)
2. Based on characterization, not tested in production.
Frequency
30
40
60
kHz
tsu(LSI)(3)
3. Guaranteed by design, not tested in production.
LSI oscillator startup time
-
-
85
µs
IDD(LSI)(3) LSI oscillator power consumption
-
0.65
1.2
µA
Table 25. Low-power mode wakeup timings
Symbol
Parameter
Typ
Unit
tWUSLEEP(1)
1. The wakeup times are measured from the wakeup event to the point at which the user application code
reads the first instruction.
Wakeup from Sleep mode
1.8
µs
tWUSTOP(1)
Wakeup from Stop mode (regulator in run mode)
3.6
µs
Wakeup from Stop mode (regulator in low-power mode)
5.4
tWUSTDBY(1)
Wakeup from Standby mode
50
µs
Table 26. PLL characteristics
Symbol
Parameter
Value
Unit
Min(1)
Typ
Max(1)
fPLL_IN
PLL input clock(2)
18.0
25
MHz
PLL input clock duty cycle
40
-
60
%
fPLL_OUT
PLL multiplier output clock
16
-
36
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com