Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 79Page - STMicroelectronics STM32F101C4 Datasheet HTML 80Page - STMicroelectronics STM32F101C4 Datasheet HTML 81Page - STMicroelectronics STM32F101C4 Datasheet HTML 82Page - STMicroelectronics STM32F101C4 Datasheet HTML 83Page - STMicroelectronics STM32F101C4 Datasheet HTML 84Page - STMicroelectronics STM32F101C4 Datasheet HTML 85Page - STMicroelectronics STM32F101C4 Datasheet HTML 86Page - STMicroelectronics STM32F101C4 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
Ordering information scheme
STM32F101x4, STM32F101x6
84/87
DocID15058 Rev 6
7
Ordering information scheme
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact the nearest ST sales office.
Table 50. Ordering information scheme
Example:
STM32 F
101 C 4
T
6
A xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = general-purpose
Device subfamily
101 = access line
Pin count
T = 36 pins
C = 48 pins
R = 64 pins
Flash memory size
4 = 16 Kbytes of Flash memory
6 = 32 Kbytes of Flash memory
Package
T = LQFP
U = VFQFPN
Temperature range
6 = Industrial temperature range, –40 to 85 °C.
Internal code
“A” or blank(1)
1. For STM32F101x6 devices with a blank internal code, please refer to the STM32F103x6/8/B datasheet
available from the ST website: www.st.com.
Options
xxx = programmed parts
TR = tape and real



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com