Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 6Page - STMicroelectronics STM32F101C4 Datasheet HTML 7Page - STMicroelectronics STM32F101C4 Datasheet HTML 8Page - STMicroelectronics STM32F101C4 Datasheet HTML 9Page - STMicroelectronics STM32F101C4 Datasheet HTML 10Page - STMicroelectronics STM32F101C4 Datasheet HTML 11Page - STMicroelectronics STM32F101C4 Datasheet HTML 12Page - STMicroelectronics STM32F101C4 Datasheet HTML 13Page - STMicroelectronics STM32F101C4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
Description
STM32F101x4, STM32F101x6
10/87
DocID15058 Rev 6
2
Description
The STM32F101x4 and STM32F101x6 Low-density access line family incorporates the
high-performance ARM Cortex®-M3 32-bit RISC core operating at a 36 MHz frequency,
high-speed embedded memories (Flash memory of 16 to 32 Kbytes and SRAM of 4 to 6
Kbytes), and an extensive range of enhanced peripherals and I/Os connected to two APB
buses. All devices offer standard communication interfaces (one I2C, one SPI, and two
USARTs), one 12-bit ADC and up to two general-purpose 16-bit timers.
The STM32F101xx Low-density access line family operates in the –40 to +85 °C
temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
The STM32F101xx Low-density access line family includes devices in three different
packages ranging from 36 pins to 64 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the STM32F101xx Low-density access line microcontroller family
suitable for a wide range of applications such as application control and user interface,
medical and handheld equipment, PC peripherals, gaming and GPS platforms, industrial
applications, PLCs, inverters, printers, scanners, alarm systems, Video intercoms, and
HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com