Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 68Page - STMicroelectronics STM32F101C4 Datasheet HTML 69Page - STMicroelectronics STM32F101C4 Datasheet HTML 70Page - STMicroelectronics STM32F101C4 Datasheet HTML 71Page - STMicroelectronics STM32F101C4 Datasheet HTML 72Page - STMicroelectronics STM32F101C4 Datasheet HTML 73Page - STMicroelectronics STM32F101C4 Datasheet HTML 74Page - STMicroelectronics STM32F101C4 Datasheet HTML 75Page - STMicroelectronics STM32F101C4 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
Package characteristics
STM32F101x4, STM32F101x6
72/87
DocID15058 Rev 6
Table 46. VFQFPN36 - 36-pin, 6x6 mm, 0.5 mm pitch very thin profile fine pitch
quad flat package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
-
0.020
0.050
-
0.0008
0.0020
A2
-
0.650
1.000
-
0.0256
0.0394
A3
-
0.200
-
-
0.0079
-
b
0.180
0.230
0.300
0.0071
0.0091
0.0118
D
5.875
6.000
6.125
0.2313
0.2362
0.2411
D2
1.750
3.700
4.250
0.0689
0.1457
0.1673
E
5.875
6.000
6.125
0.2313
0.2362
0.2411
E2
1.750
3.700
4.250
0.0689
0.1457
0.1673
e
0.450
0.500
0.550
0.0177
0.0197
0.0217
L
0.350
0.550
0.750
0.0138
0.0217
0.0295
K
0.250
-
-
0.0098
-
-
ddd
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com