Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 39Page - STMicroelectronics STM32F101C4 Datasheet HTML 40Page - STMicroelectronics STM32F101C4 Datasheet HTML 41Page - STMicroelectronics STM32F101C4 Datasheet HTML 42Page - STMicroelectronics STM32F101C4 Datasheet HTML 43Page - STMicroelectronics STM32F101C4 Datasheet HTML 44Page - STMicroelectronics STM32F101C4 Datasheet HTML 45Page - STMicroelectronics STM32F101C4 Datasheet HTML 46Page - STMicroelectronics STM32F101C4 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
DocID15058 Rev 6
43/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Low-speed external user clock generated from an external source
The characteristics given in Table 20 result from tests performed using an low-speed
external clock source, and under the ambient temperature and supply voltage conditions
summarized in Table 8.
Table 19. High-speed external user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency(1)
1. Guaranteed by design, not tested in production.
-
1
825
MHz
VHSEH
OSC_IN input pin high level voltage
0.7VDD
-VDD
V
VHSEL
OSC_IN input pin low level voltage
VSS
-0.3VDD
tw(HSE)
tw(HSE)
OSC_IN high or low time(1)
5-
-
ns
tr(HSE)
tf(HSE)
OSC_IN rise or fall time(1)
--
20
Cin(HSE) OSC_IN input capacitance(1)
--
5
-
pF
DuCy(HSE) Duty cycle
-
45
-
55
%
IL
OSC_IN Input leakage current
VSS ≤ VIN ≤ VDD
--
±1
µA
Table 20. Low-speed external user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User external clock source
frequency(1)
1. Guaranteed by design, not tested in production.
-
-
32.768
1000
kHz
VLSEH
OSC32_IN input pin high level
voltage
0.7VDD
-VDD
V
VLSEL
OSC32_IN input pin low level
voltage
VSS
-0.3VDD
tw(LSE)
tw(LSE)
OSC32_IN high or low time(1)
450
-
-
ns
tr(LSE)
tf(LSE)
OSC32_IN rise or fall time(1)
--
50
Cin(LSE) OSC32_IN input capacitance(1)
--
5
-
pF
DuCy(LSE) Duty cycle
-
30
-
70
%
IL
OSC32_IN Input leakage current
VSS ≤ VIN ≤ VDD
--
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com