Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 36Page - STMicroelectronics STM32F101C4 Datasheet HTML 37Page - STMicroelectronics STM32F101C4 Datasheet HTML 38Page - STMicroelectronics STM32F101C4 Datasheet HTML 39Page - STMicroelectronics STM32F101C4 Datasheet HTML 40Page - STMicroelectronics STM32F101C4 Datasheet HTML 41Page - STMicroelectronics STM32F101C4 Datasheet HTML 42Page - STMicroelectronics STM32F101C4 Datasheet HTML 43Page - STMicroelectronics STM32F101C4 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
40/87
DocID15058 Rev 6
Typical current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except if it is explicitly mentioned
•
The Flash access time is adjusted to fHCLK frequency (0 wait state from 0 to 24 MHz, 1
wait state from 24 to 36 MHz)
•
Prefetch is on (reminder: this bit must be set before clock setting and bus prescaling)
•
When the peripherals are enabled fPCLK1 = fHCLK/4, fPCLK2 = fHCLK/2, fADCCLK =
fPCLK2/4
The parameters given in Table 16 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
Table 16. Typical current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ(1)
1. Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Typ(1)
Unit
All peripherals
enabled(2)
2. Add an additional power consumption of 0.8 mA per ADC for the analog part. In applications, this
consumption occurs only while the ADC is on (ADON bit is set in the ADC_CR2 register).
All peripherals
disabled
IDD
Supply
current in
Run mode
External
clock(3)
3. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
36 MHz
17.2
13.8
mA
24 MHz
11.2
8.9
16 MHz
8.1
6.6
8 MHz
5
4.2
4 MHz
3
2.6
2 MHz
2
1.8
1 MHz
1.5
1.4
500 kHz
1.2
1.2
125 kHz
1.05
1
Running on
high speed
internal RC
(HSI), AHB
prescaler
used to
reduce the
frequency
36 MHz
16.5
13.1
24 MHz
10.5
8.2
16 MHz
7.4
5.9
8 MHz
4.3
3.6
4 MHz
2.4
2
2 MHz
1.5
1.3
1 MHz
1
0.9
500 kHz
0.7
0.65
125 kHz
0.5
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com