Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 52Page - STMicroelectronics STM32F101C4 Datasheet HTML 53Page - STMicroelectronics STM32F101C4 Datasheet HTML 54Page - STMicroelectronics STM32F101C4 Datasheet HTML 55Page - STMicroelectronics STM32F101C4 Datasheet HTML 56Page - STMicroelectronics STM32F101C4 Datasheet HTML 57Page - STMicroelectronics STM32F101C4 Datasheet HTML 58Page - STMicroelectronics STM32F101C4 Datasheet HTML 59Page - STMicroelectronics STM32F101C4 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
56/87
DocID15058 Rev 6
Output driving current
The GPIOs (general-purpose inputs/outputs) can sink or source up to ±8 mA, and sink or
source up to ±20 mA (with a relaxed VOL/VOH) except PC13, PC14 and PC15 which can
sink or source up to +/-3mA. When using the GPIOs PC13 to PC15 in output mode, the
speed should not exceed 2 MHz with a maximum load of 30 pF.
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2:
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
IVDD (see Table 6).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
IVSS (see Table 6).
Output voltage levels
Unless otherwise specified, the parameters given in Table 34 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 8. All I/Os are CMOS and TTL compliant.
Table 34. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 6
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output Low level voltage for an I/O pin
when 8 pins are sunk at the same time
CMOS port(2),,
IIO = +8 mA,
2.7 V < VDD < 3.6 V
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 6 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output High level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–0.4
-
VOL(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
TTL port(2)
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH(3)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
2.4
-
VOL(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
IIO = +20 mA(4)
2.7 V < VDD < 3.6 V
4. Based on characterization data, not tested in production.
-1.3
V
VOH (3)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–1.3
-
VOL(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
IIO = +6 mA(4)
2 V < VDD < 2.7 V
-0.4
V
VOH(3)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–0.4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com