Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 8Page - STMicroelectronics STM32F101C4 Datasheet HTML 9Page - STMicroelectronics STM32F101C4 Datasheet HTML 10Page - STMicroelectronics STM32F101C4 Datasheet HTML 11Page - STMicroelectronics STM32F101C4 Datasheet HTML 12Page - STMicroelectronics STM32F101C4 Datasheet HTML 13Page - STMicroelectronics STM32F101C4 Datasheet HTML 14Page - STMicroelectronics STM32F101C4 Datasheet HTML 15Page - STMicroelectronics STM32F101C4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
Description
STM32F101x4, STM32F101x6
12/87
DocID15058 Rev 6
Figure 1. STM32F101xx Low-density access line block diagram
1. AF = alternate function on I/O port pin.
2. TA = –40 °C to +85 °C (junction temperature up to 105 °C).
Temp sen sor
PA[ 15:0]
EXTI
W W D G
NVIC
12bit ADC
SWD
16AF
JTDI
JTCK/SWCLK
JTMS/SWDIO
NJTRST
JTDO
NRST
VDD = 2 to 3.6 V
80AF
PB[ 15:0]
PC[15:0]
AHB2
SRAM
WAKEUP
GPIOA
GPIOB
GPIOC
Fmax: 3 6MHz
VSS
GP DMA
TIM2
TIM3
XTAL OSC
4-16 MHz
XTAL 32 kHz
OSC_IN
OSC_OUT
OSC32_OUT
OSC32_IN
PLL &
PCLK1
HCLK
CLOCK
MANAGT
PCLK 2
VOLT. REG.
3.3V TO 1.8V
POWER
Backu p i nterf ace
as AF
6 KB
RTC
RC 8 MHz
Cortex M3 CPU
USART1
USART2
7 channels
Back up
reg
SCL,SDA,SMBA
I2C
as AF
PD[3:0]
GPIOD
4 Chann els
4 Chann els
FCLK
RC 42 kHz
Stand by
IWDG
@VDD
@VBAT
POR / PDR
SUPPLY
@VDDA
VDDA
VSSA
@VDDA
VBAT
RX,TX, CTS, RTS,
Smartcard as AF
RX,TX, CTS, RTS,
NVIC
SPI
MOSI,MISO,
SCK,NSS as AF
IF
in terface
@VDDA
SUPERVISION
PVD
Rst
Int
@VDD
AHB2
APB2
APB 1
AWU
TAMPER-RTC
Flash 32 KB
64 bit
Ibus
Dbus
pbus
Trace
controller
System
ai15173c
TRACECLK
TRACED[0:3]
as AS
SW/JTAG
TPIU
Trace/trig
CK, SmartCard as AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com