Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 79Page - STMicroelectronics STM32F101C4 Datasheet HTML 80Page - STMicroelectronics STM32F101C4 Datasheet HTML 81Page - STMicroelectronics STM32F101C4 Datasheet HTML 82Page - STMicroelectronics STM32F101C4 Datasheet HTML 83Page - STMicroelectronics STM32F101C4 Datasheet HTML 84Page - STMicroelectronics STM32F101C4 Datasheet HTML 85Page - STMicroelectronics STM32F101C4 Datasheet HTML 86Page - STMicroelectronics STM32F101C4 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
Revision history
STM32F101x4, STM32F101x6
86/87
DocID15058 Rev 6
19-Apr-2011
5
Updated footnotes below Table 5: Voltage characteristics on page 30 and
Table 6: Current characteristics on page 31
Updated tw min in Table 19: High-speed external user clock
characteristics on page 43
Updated startup time in Table 22: LSE oscillator characteristics (fLSE =
32.768 kHz) on page 46
Added Section 5.3.12: I/O current injection characteristics
Updated Section 5.3.13: I/O port characteristics
25-Sep-2015
6
Updated:
– All GPIOs are high current...’ in Section 2.3.22: GPIOs (general-
purpose inputs/outputs)
– first sentence in Output driving current
– Table 2: Low-density STM32F101xx device features and peripheral
counts, Table 4: Low-density STM32F101xx pin definitions,
– Table 6: Current characteristics
– Table 8: General operating conditions
– Table 18: Peripheral current consumption
– notes in Table 38: I2C characteristics
– note 2. in Table 44: ADC accuracy
– title of Table 39: SCL frequency (fPCLK1= MHz, VDD_I2C = 3.3 V)
– reference for ‘VESD(CDM)’ in Table 30: ESD absolute maximum ratings
– Table 50: Ordering information scheme,
– Table 49: Package thermal characteristics,
– Figure 28: I2C bus AC waveforms and measurement circuit(1)
Added
– note 5. in Table 23: HSI oscillator characteristics
– Figure 37: VFQFPN36 marking example (package top view)
– Figure 40: LQFP64 marking example (package top view)
– Figure 43: LQFP48 marking example (package top view)
Corrected
– Corrected ‘tf(IO)out’ in Figure 26: I/O AC characteristics definition
– Sigma letter in Section 5.1.1: Minimum and maximum values
Removed
– UFDFPN48 package
– First sentence in Section 5.3.16: Communications interfaces
Table 51. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com