Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F101C4 Datasheet HTML 25Page - STMicroelectronics STM32F101C4 Datasheet HTML 26Page - STMicroelectronics STM32F101C4 Datasheet HTML 27Page - STMicroelectronics STM32F101C4 Datasheet HTML 28Page - STMicroelectronics STM32F101C4 Datasheet HTML 29Page - STMicroelectronics STM32F101C4 Datasheet HTML 30Page - STMicroelectronics STM32F101C4 Datasheet HTML 31Page - STMicroelectronics STM32F101C4 Datasheet HTML 32Page - STMicroelectronics STM32F101C4 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
DocID15058 Rev 6
29/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
5.1.6
Power supply scheme
Figure 10. Power supply scheme
Caution:
In Figure 10, the 4.7 µF capacitor must be connected to VDD3.
Figure 8. Pin loading conditions
Figure 9. Pin input voltage
ai14123b
C = 50 pF
STM32F10xxx pin
ai14124b
STM32F10xxx pin
VIN
ai15496
VDD
1/2/3/4/5
Analog:
RCs, PLL,
...
Po wer swi tch
VBAT
GP I/O s
OUT
IN
Kernel logic
(CPU,
Digital
& Memories)
Backup circuitry
(OSC32K,RTC,
Backup registers)
Wakeup logic
5 × 100 nF
+ 1 × 4.7 µF
1.8-3.6V
Regulator
VSS
1/2/3/4/5
VDDA
VSSA
ADC
IO
Logic
VDD
10 nF
+ 1 µF
VDD
VREF+
VREF-
10 nF
+ 1 µF
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com