Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F101C4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F101C4 Datasheet HTML 1Page - STMicroelectronics STM32F101C4 Datasheet HTML 2Page - STMicroelectronics STM32F101C4 Datasheet HTML 3Page - STMicroelectronics STM32F101C4 Datasheet HTML 4Page - STMicroelectronics STM32F101C4 Datasheet HTML 5Page - STMicroelectronics STM32F101C4 Datasheet HTML 6Page - STMicroelectronics STM32F101C4 Datasheet HTML 7Page - STMicroelectronics STM32F101C4 Datasheet HTML 8Page - STMicroelectronics STM32F101C4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
This is information on a product in full production.
September 2015
DocID15058 Rev 6
1/87
STM32F101x4
STM32F101x6
Low-density access line, ARM®-based 32 bit MCU with
16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M3 CPU
– 36 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 wait state memory
access
– Single-cycle multiplication and hardware
division
• Memories
– 16 to 32 Kbytes of Flash memory
– 4 to 6 Kbytes of SRAM
• Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
• Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
• Debug mode
– Serial wire debug (SWD) and JTAG
interfaces
• DMA
– 7-channel DMA controller
– Peripherals supported: timers, ADC, SPIs,
I2Cs and USARTs
• 1 × 12-bit, 1 µs A/D converter (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Temperature sensor
• Up to 51 fast I/O ports
– 26/37/51 I/Os, all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
• Up to 5 timers
–
Up to two
16-bit timers, each with up to 4
IC/OC/PWM or pulse counter
– 2 watchdog timers (Independent and
Window)
– SysTick timer: 24-bit downcounter
• Up to 4 communication interfaces
– 1 x I2C interface (SMBus/PMBus)
–Up to 2 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– 1 × SPI (18 Mbit/s)
• CRC calculation unit, 96-bit unique ID
• ECOPACK® packages
Table 1. Device summary
Reference
Part number
STM32F101x4
STM32F101C4,
STM32F101R4,
STM32F101T4
STM32F101x6
STM32F101C6,
STM32F101R6,
STM32F101T6
LQFP48
7 x 7 mm
LQFP64
10 x 10 mm
VFQFPN36
6 × 6 mm
www.st.com


Similar Part No. - STM32F101C4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101C4 STMICROELECTRONICS-STM32F101C4 Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101C4 STMICROELECTRONICS-STM32F101C4 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101C4T6A STMICROELECTRONICS-STM32F101C4T6A Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101C4T6ATR STMICROELECTRONICS-STM32F101C4T6ATR Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101C4T6AXXX STMICROELECTRONICS-STM32F101C4T6AXXX Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
More results

Similar Description - STM32F101C4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101X8 STMICROELECTRONICS-STM32F101X8_09 Datasheet
999Kb / 81P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
22-Sep-2009
STM32F102X4 STMICROELECTRONICS-STM32F102X4 Datasheet
872Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101X4 STMICROELECTRONICS-STM32F101X4_10 Datasheet
1Mb / 77P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
20-May-2010
STM32F101C6T6 STMICROELECTRONICS-STM32F101C6T6 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101R6T6 STMICROELECTRONICS-STM32F101R6T6 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F102C6T6A STMICROELECTRONICS-STM32F102C6T6A Datasheet
855Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
STM32F101T6U6A STMICROELECTRONICS-STM32F101T6U6A Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101C4T6A STMICROELECTRONICS-STM32F101C4T6A Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101RBH6 STMICROELECTRONICS-STM32F101RBH6 Datasheet
1Mb / 90P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
05-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com