Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 16Page - Texas Instruments DAC39RF10 Datasheet HTML 17Page - Texas Instruments DAC39RF10 Datasheet HTML 18Page - Texas Instruments DAC39RF10 Datasheet HTML 19Page - Texas Instruments DAC39RF10 Datasheet HTML 20Page - Texas Instruments DAC39RF10 Datasheet HTML 21Page - Texas Instruments DAC39RF10 Datasheet HTML 22Page - Texas Instruments DAC39RF10 Datasheet HTML 23Page - Texas Instruments DAC39RF10 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 232 page
background image
6.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24GHz, 8b/10b encoding, IFS_SWITCH = 20.5mA, single tone amplitude = 0dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750MHz and DEM_ADJ = 0 above 750MHz), 8b/10b encoding, unless otherwise noted. FDAC = FCLK in
NRZ, RTZ and RF modes and FDAC = 2×FCLK in DES1X and DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SFDRNONHD23
non-HD2/3 SFDR 0 - FDAC/2
fOUT = 97MHz
85
dBc
fOUT = 997MHz
80
dBc
fOUT = 1997MHz
81
dBc
fOUT = 1997MHz, IFS_SWITCH = 41mA
74
dBc
fOUT = 2997MHz
80
dBc
fOUT = 3997MHz
78
dBc
non-HD2/3 SFDR FDAC/2 - FDAC
fOUT = 5997MHz
77
dBc
fOUT = 6997MHz
78
dBc
fOUT = 7997MHz
75
dBc
fOUT = 8997MHz
73
dBc
IMD3
Third-order two tone intermodulation
distortion
fOUT = 97 +/- 10MHz, -7dBFS/tone
–85
dBc
fOUT = 997 +/- 10MHz, -7dBFS/tone
–77
dBc
fOUT = 1997 +/- 10MHz, -7dBFS/tone
–71
dBc
fOUT = 2997 +/- 10MHz, -7dBFS/tone
–67
dBc
fOUT = 3997 +/- 10MHz, -7dBFS/tone
–66
dBc
fOUT = 5997 +/- 10MHz, -7dBFS/tone
–61
dBc
fOUT = 6997 +/- 10MHz, -7dBFS/tone
–58
dBc
fOUT = 7997 +/- 10MHz, -7dBFS/tone
–61
dBc
fOUT = 8997 +/- 10MHz, -7dBFS/tone
–69
dBc
NSD
Noise spectral density, large signal,
sinusoidal output(3)
fOUT = 97MHz, 70MHz offset from
fOUT
–160
dBc/Hz
fOUT = 997MHz, 70MHz offset from
fOUT
–148
dBc/Hz
fOUT = 1997MHz, 70MHz offset from
fOUT
–147
dBc/Hz
fOUT = 1997MHz, 70MHz offset from
fOUT, IFS_SWITCH = 41mA
–148
dBc/Hz
fOUT = 2997MHz, 70MHz offset from
fOUT
–145
dBc/Hz
fOUT = 3997MHz, 70MHz offset from
fOUT
–145
dBc/Hz
fOUT = 5997MHz, 70MHz offset from
fOUT
–142
dBc/Hz
fOUT = 6997MHz, 70MHz offset from
fOUT
–143
dBc/Hz
fOUT = 7997MHz, 70MHz offset from
fOUT
–142
dBc/Hz
fOUT = 8997MHz, 70MHz offset from
fOUT
–140
dBc/Hz
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com