Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 6Page - Texas Instruments DAC39RF10 Datasheet HTML 7Page - Texas Instruments DAC39RF10 Datasheet HTML 8Page - Texas Instruments DAC39RF10 Datasheet HTML 9Page - Texas Instruments DAC39RF10 Datasheet HTML 10Page - Texas Instruments DAC39RF10 Datasheet HTML 11Page - Texas Instruments DAC39RF10 Datasheet HTML 12Page - Texas Instruments DAC39RF10 Datasheet HTML 13Page - Texas Instruments DAC39RF10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 232 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage range
Supply voltage range, VDDA18A, VDDA18B(2)
-0.3
2.45
V
Supply voltage range, VEEAM18, VEEBM18(2)
-2.0
0.3
V
Supply voltage range, VDDCLK18, VDDSYS18(3)
-0.3
2.45
V
Supply voltage range, VDDLB, VDDLA,
VDDCLK10(3)
-0.3
1.3
V
Supply voltage range, VDDIO, VQPS, VDDR18(4)
-0.3
2.45
V
Supply voltage range, VDDDIG, VDDEB, VDDEA,
VDDT(4)
-0.3
1.3
V
Voltage between any combination of
AGND, DGND and VSSCLK
Voltage between any combination of AGND,
DGND and VSSCLK
-0.1
0.1
V
Voltage applied to input pins
CLK+, CLK–, SYSREF+, SYSREF-(3)
-0.3
VDDCLK18+0.3
V
[0:15]SRX-/+ AC Voltage
1.6
[0:15]SRX-/+ DC Voltage to GND
-5
5
SCLK, SCS, SDI, RESET, SYNC, SCANEN,
TXEN[0:1], FRDI[0:3], FRCLK, FRCS, SYNC (4)
-0.3
VDDIO+0.3
EXTREF(2)
-0.3
VDDA18A + 0.3
Voltage at output pins
DACOUTA+, DACOUTA-(2)
-0.3
VDDA18A + 0.5
V
DACOUTB+, DACOUTB-(2)
-0.3
VDDA18B + 0.5
ATEST, RBIAS-/+(2)
-0.5
VDDA18B + 0.3
SDI, SDO, ALARM(4)
-0.5
VDDIO + 0.3
Peak input current (any input)
-20
20
mA
Peak total input current (sum of absolute value of all currents forced in or out,
not including power supply current and DACOUTA+, DACOUTA–, DACOUTB+ and
DACOUTB–)
30
mA
Junction temperature, TJ
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Measured to AGND.
(3)
Measured to VSSCLK.
(4)
Measured to DGND.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per ANSI/
ESDA/JEDEC JS-002, all pins(2)
250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com