Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 88 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 88 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 84Page - Texas Instruments DAC39RF10 Datasheet HTML 85Page - Texas Instruments DAC39RF10 Datasheet HTML 86Page - Texas Instruments DAC39RF10 Datasheet HTML 87Page - Texas Instruments DAC39RF10 Datasheet HTML 88Page - Texas Instruments DAC39RF10 Datasheet HTML 89Page - Texas Instruments DAC39RF10 Datasheet HTML 90Page - Texas Instruments DAC39RF10 Datasheet HTML 91Page - Texas Instruments DAC39RF10 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 232 page
background image
6.18 Typical Characteristics: Phase and Amplitude Noise
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24GHz, single tone amplitude = 0dBFS, fOUT = 1GHz, unless otherwise noted. Input clock contribution
removed by phase noise analyzer.
Offset Frequency (Hz)
1x102
1x103
1x104
1x105
1x106
1x107
1x108
-180
-170
-160
-150
-140
-130
-120
NRZ DEM/Dither off
NRZ DEM/Dither on
DES2XL DEM/Dither off
DES2XL DEM/Dither on
fCLK = 8GHz
Figure 6-216. Phase Noise vs Offset Frequency at 1GHz
Offset Frequency (Hz)
1x102
1x103
1x104
1x105
1x106
1x107
1x108
-180
-170
-160
-150
-140
-130
-120
NRZ DEM/Dither off
NRZ DEM/Dither on
DES2XL DEM/Dither off
DES2XL DEM/Dither on
fCLK = 10.24GHz
Figure 6-217. Phase Noise vs Offset Frequency at 1GHz
Offset Frequency (Hz)
1x102
1x103
1x104
1x105
1x106
1x107
1x108
-180
-170
-160
-150
-140
-130
-120
-110
-100
FOUT = 1 GHz
FOUT = 2 GHz
FOUT = 4 GHz
FOUT = 6 GHz
FOUT = 8 GHz
FOUT = 10 GHz
DES2XL and DES2XH modes, DEM/Dither off
Figure 6-218. Phase Noise vs Offset Frequency and Output
Frequency
Offset Frequency (Hz)
1x102
1x103
1x104
1x105
1x106
1x107
1x108
-180
-170
-160
-150
-140
-130
-120
DEM/Dither off, 25
C
DEM/Dither on, 25
C
DEM/Dither off, 90
C
DEM/Dither on, 90
C
NRZ mode
Figure 6-219. Phase Noise vs Offset Frequency at 1GHz
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
88
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com