Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 48 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 44Page - Texas Instruments DAC39RF10 Datasheet HTML 45Page - Texas Instruments DAC39RF10 Datasheet HTML 46Page - Texas Instruments DAC39RF10 Datasheet HTML 47Page - Texas Instruments DAC39RF10 Datasheet HTML 48Page - Texas Instruments DAC39RF10 Datasheet HTML 49Page - Texas Instruments DAC39RF10 Datasheet HTML 50Page - Texas Instruments DAC39RF10 Datasheet HTML 51Page - Texas Instruments DAC39RF10 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 232 page
background image
6.11 Typical Characteristics: Bandwidth and DC Linearity (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24GHz, IFS_SWITCH = 20.5mA, single tone amplitude = 0dBFS, Dither and DEM enabled, unless otherwise
noted.
DAC Code
0
10000
20000
30000
40000
50000
60000
-100
-80
-60
-40
-20
0
20
40
60
80
100
DEM Off/Dither Off
SE DEM/SE Dither
IFS_SWITCH = 5mA
Figure 6-14. INL vs DAC Code: 5mA
Current Gain Code
0
100 200 300 400 500 600 700 800 900 1000
0
5
10
15
20
25
30
35
40
CUR_2X_EN = 0
CUR_2X_EN = 1
Gain Code = 64*COARSE_CUR_x + FINE_CUR_x
Figure 6-15. IFS_SWITCH vs Gain Code
Current Gain Code
0
100 200 300 400 500 600 700 800 900 1000
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
CUR_2X_EN = 0
CUR_2X_EN = 1
Gain Code = 64*COARSE_CUR_x + FINE_CUR_x, error
relative to linear end point fit
Figure 6-16. IFS_SWITCH Error vs Gain Code
Current Gain Code
0
100 200 300 400 500 600 700 800 900 1000
-5
-4
-3
-2
-1
0
1
2
3
4
5
CUR_2X_EN = 0
CUR_2X_EN = 1
Gain Code = 64*COARSE_CUR_x + FINE_CUR_x, error
relative to linear end point fit
Figure 6-17. IFS_SWITCH Error vs Gain Code
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
48
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com