Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 43 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 39Page - Texas Instruments DAC39RF10 Datasheet HTML 40Page - Texas Instruments DAC39RF10 Datasheet HTML 41Page - Texas Instruments DAC39RF10 Datasheet HTML 42Page - Texas Instruments DAC39RF10 Datasheet HTML 43Page - Texas Instruments DAC39RF10 Datasheet HTML 44Page - Texas Instruments DAC39RF10 Datasheet HTML 45Page - Texas Instruments DAC39RF10 Datasheet HTML 46Page - Texas Instruments DAC39RF10 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 232 page
background image
6.9 Switching Characteristics
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.242GHz, IFS_SWITCH = 20.5mA, single tone amplitude = 0dBFS, Dither and DEM enabled, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JESD204C SERDES INTERFACE [15:0]SRX-/+
fSERDES
SERDES bit rate(4)
.78125
12.8
Gbps
UI
Unit Interval
78.125
1280
ps
LATENCY
TDAC
DAC clock period
1 / fCLK
s
tPD(RX)
Serdes RX analog propagation delay
Serdes RX analog propagation delay
215
ps
tPDI
Input clock rising edge cross-over to
output sample cross-over
Input clock rising edge cross-over to
output sample cross-over
500
ps
tDACLAT
Digital path latency from SYSREF
rising edge to DAC output
See XLS Calculator
tRELEASE
Latency from SYSREF rising edge to
elastic buffer release
See XLS Calculator
tRXIN
Latency from SERDES Input to elastic
buffer release
See XLS Calculator
tTXEN_OUTPUT
TXENABLE rising edge to data output
of DAC
FAST_TX_EN = 0
varies(1)
CLK Cycles
FAST_TX_EN=1 and
QUIET_TX_DISABLE=0
93
FAST_TX_EN=1 and
QUIET_TX_DISABLE=1
133
tTXEN_MUTE
TXENABLE falling edge to DAC output
muted
QUIET_TX_DISABLE=0
93
QUIET_TX_DISABLE=1
133
tTXEN_PW
Required TXENABLE pulse width
FAST_TX_EN = 0(2)
102
FAST_TX_EN = 1(3)
20
SERIAL PROGRAMMING INTERFACE
Fs_c
serial clock frequency
15.625
MHz
Fs_cts
serial clock frequency temp sensor
TS_TEMP register read
1
MHz
tP
serial clock period
64
ns
tPH
serial clock pulse width high
32
ns
tPL
serial clock pulse width low
32
ns
tSU
SDI setup time
30
ns
tH
SDI hold time
3
ns
tIZ
SDI TRI-STATE
3
ns
tODZ
SDO driven to TRI-STATE
200fF load
5
ns
tOZD
SDO TRI-STATE to driven
200fF load
3
ns
tOD
SDO output delay
200fF load
3
ns
tCSS
SCS setup
30
ns
tCSH
SCS hold
3
ns
tRS
RESET setup to serial clock
RESET high
30
ns
tRH
RESET hold to serial clock
RESET high
30
ns
tIAG
Inter-access gap
30
ns
FAST RECONFIGURATION (FR) INTERFACE
FFRCLK
FRCLK frequency
200
MHz
tFRCLK_P
FRCLK period
5
ns
tFRCLK_PH
FRCLK pulse width high
2
ns
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com