Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 65 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 61Page - Texas Instruments DAC39RF10 Datasheet HTML 62Page - Texas Instruments DAC39RF10 Datasheet HTML 63Page - Texas Instruments DAC39RF10 Datasheet HTML 64Page - Texas Instruments DAC39RF10 Datasheet HTML 65Page - Texas Instruments DAC39RF10 Datasheet HTML 66Page - Texas Instruments DAC39RF10 Datasheet HTML 67Page - Texas Instruments DAC39RF10 Datasheet HTML 68Page - Texas Instruments DAC39RF10 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 232 page
background image
6.15 Typical Characteristics: Power Dissipation and Supply Currents
Typical values at TA = +25°C and nominal supply voltages, IFS_SWITCH = 20.5mA, 1 DAC device = DAC39RFS10-SP, 2 DAC
device = DAC39RF10-SP except where noted.
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
1000
2000
3000
4000
5000
6000
JMODE 0, 1x Int, 1 real
JMODE 1, 2x Int, 2 real
JMODE 1, 3x Int, 2 real
JMODE 3, 16x Int, 4 IQ
JMODE 7, 256x Int, 4 IQ
IFS_SWITCH = 20.5mA
Figure 6-89. Power Dissipation vs Clock Frequency and Digital
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
1000
2000
3000
4000
5000
6000
JMODE 0, 1x Int, 1 real
JMODE 1, 2x Int, 2 real
JMODE 1, 3x Int, 2 real
JMODE 3, 16x Int, 4 IQ
JMODE 7, 256x Int, 4 IQ
IFS_SWITCH = 41mA
Figure 6-90. Power Dissipation vs Clock Frequency and Digital
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
1000
2000
3000
4000
DES2XL/H Modes
NRZ/RF Modes
JMODE 0, single DAC Device
Figure 6-91. Power Dissipation vs Clock Frequency and DAC
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
1000
2000
3000
4000
5000
6000
DES2XL/H Modes
NRZ/RF Modes
JMODE 1, 2x interpolation, dual DACs
Figure 6-92. Power Dissipation vs Clock Frequency and DAC
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
1000
2000
3000
4000
5000
1 DAC, 1x Current
1 DAC, 2x Current
2 DACs, 1x Current
2 DACs, 2x Current
JMODE 0, 1x interpolation, single DAC device vs dual DAC
device
Figure 6-93. Power Dissipation vs Clock Frequency and DAC
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
1 DAC, 1x Current
1 DAC, 2x Current
2 DACs, 1x Current
2 DACs, 2x Current
Independent of JMODE and interpolation, single DAC device
vs dual DAC device
Figure 6-94. VDDA18 Current vs Clock Frequency and DAC
Mode
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com