Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 96 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 92Page - Texas Instruments DAC39RF10 Datasheet HTML 93Page - Texas Instruments DAC39RF10 Datasheet HTML 94Page - Texas Instruments DAC39RF10 Datasheet HTML 95Page - Texas Instruments DAC39RF10 Datasheet HTML 96Page - Texas Instruments DAC39RF10 Datasheet HTML 97Page - Texas Instruments DAC39RF10 Datasheet HTML 98Page - Texas Instruments DAC39RF10 Datasheet HTML 99Page - Texas Instruments DAC39RF10 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 232 page
background image
CLK+
CLK–
DAC Output
(Sine Wave)
0
+VFS
-VFS
TS = 1/FCLK
tpd
TS /2
Figure 7-7. RF Mode Timing Diagram
FOUT/FCLK
0
0.5
1
1.5
2
2.5
3
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 7-8. RF Mode Output Frequency Response
7.3.1.4 DES Mode
Dual edge sampling (DES) mode outputs unique samples on both the rising and falling edge of CLK, doubling
the sample rate for the same clock frequency. An extra digital interpolate by 2 stage is included in the device to
enable a double sample rate.
An non-50% CLK duty cycle results in an image of the signal at FCLK - FOUT. Compared to NRZ mode with
the same clock frequency, DES mode provides significant reduction in the image amplitude, reducing filter
requirements. There are three DES modes: DES1X, DES2XL and DES2XH. DES1X mode also allows 15.52
or 20.8GSPS of unique data in 12-bit and 8-bit single channel mode, supporting 7.68GHz or 10.4GHz of signal
bandwidth. DES2XL uses an low pass 2x interpolation filter to increase from the single edge sample rate to dual
edge sample rate, and supports output frequencies between 0 - 0.4*FCLK with up to 4.16GHz of signal BW).
DES2XH uses a high pass interpolation filter, supporting output frequencies between 0.6 - 1.0*FCLK with the
same signal BW as DES2XL.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
96
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com