Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 91 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 91 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 87Page - Texas Instruments DAC39RF10 Datasheet HTML 88Page - Texas Instruments DAC39RF10 Datasheet HTML 89Page - Texas Instruments DAC39RF10 Datasheet HTML 90Page - Texas Instruments DAC39RF10 Datasheet HTML 91Page - Texas Instruments DAC39RF10 Datasheet HTML 92Page - Texas Instruments DAC39RF10 Datasheet HTML 93Page - Texas Instruments DAC39RF10 Datasheet HTML 94Page - Texas Instruments DAC39RF10 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 232 page
background image
7 Detailed Description
7.1 Overview
DAC39RF10-Sx and 'RFS10-Sx are a family of single and dual channel digital-to-analog converters (DAC) with
16-bit resolution. The device can be used as single channel or dual channel non-interpolation DACs. The device
can also be used as interpolating DACs in either direct RF sampling mode or baseband mode, supporting up to
four complex (IQ) input streams that can be combined at different RF frequencies. The maximum input data rate
is 20.8 GSPS in single channel mode or 10.4GSPS in dual channel mode or baseband mode. The device can
generate signals of up to 5, 7, 8, 10GHz signal bandwidth (8, 12, 16-bit input resolution) at carrier frequencies
exceeding 8GHz enabling direct sampling through C-band and into X-band.
The 64-bit NCO frequency resolution and infinite frequency hopping with phase coherence, continuity and reset
options makes the device ideally suited for arbitrary waveform generation (AWG) and direct digital synthesis
(DDS).
A JESD204C compatible serial interface with 8b/10b and 64b/66b encoding options has 16 receiver pairs
capable of up to 12.8Gbps. The interface is JESD204C subclass-1 compliant for deterministic latency and
multi-device synchronization through the use of SYSREF. The SYSREF Windowing feature allows for automatic
SYSREF timing calibration.
7.2 Functional Block Diagrams
CLK+
CLK–
SYSREF+
SYSREF–
SYSREF Window
JESD204B/
204C
Block
0SRX+
0SRX–
DACOUTB+
DACOUTB–
SYNC
Mul -Nyquist DAC
7SRX+
7SRX–
15SRX+
15SRX–
8SRX+
8SRX–
Lane
MUX
DACOUTA+
DACOUTA–
Mul -Nyquist DAC
RF
Bonder
or
IQ DAC
MUX
DUC0
L
DUC1
L
DUC2
L
DUC3
L
2
DESDAC
2
DESDAC
Fast
Recon gura on
controller
Control Interface & GPIOs
Figure 7-1. Dual Channel Device
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com