Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 9Page - Texas Instruments DAC39RF10 Datasheet HTML 10Page - Texas Instruments DAC39RF10 Datasheet HTML 11Page - Texas Instruments DAC39RF10 Datasheet HTML 12Page - Texas Instruments DAC39RF10 Datasheet HTML 13Page - Texas Instruments DAC39RF10 Datasheet HTML 14Page - Texas Instruments DAC39RF10 Datasheet HTML 15Page - Texas Instruments DAC39RF10 Datasheet HTML 16Page - Texas Instruments DAC39RF10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 232 page
background image
6.5 Electrical Characteristics - DC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, 2 channels, FINPUT = 2.56 3GSPS, JMODE 1 , 8b/10b encoding, Interpolation, FCLK = 10.24 2GHz, FOUT =
2997MHz, NRZ mode, IFSSWITCH = 20.5mA, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE VOLTAGE
VREF
Reference output voltage
0.9
V
VREF-DRIFT
Absolute Value of Reference output voltage drift over temperature
45
ppm/°C
IREF
Maximum reference output current sourcing capability for EXTREF ball with
internal reference
100
nA
JESD204C SERDES INTERFACE ([15:0]SRX+/- )
VSRDIFF
SerDes Receiver Input Amplitude
50
1200
mVppdiff
VSRCOM
SerDes Input Common Mode
Internal AC coupled
ZSRdiff
SerDes Internal Differential
Termination
100
Ω
CMOS INTERFACE (ALARM, SCLK, SCS, SDI, SDO, RESET, FRDI[0:3], FRCLK, FRCS, SYNC, TXENABLE[0:1])
IIH
High level input current (with
pulldowns)
SCANEN(1)
200
uA
IIH
High level input current (without
pulldowns)
SCS, RESET, FRCS,
TXEN[0:1], FRDI[0:3], FRCLK,
SDI, SCLK(1)
2
uA
IIL
Low level input current (with pullups)
SCS, RESET, FRCS, TXEN[0:1](1)
–200
uA
IIL
Low level input current (without
pullups)
SCANEN, FRDI[0:3], FRCLK,
SDI, SCLK(1)
–3
uA
CI
Input capacitance
Input capacitance
3
pF
VIH
High level input voltage
SCLK, SCS, SDI, RESET, FRDI[0:3],
FRCLK, FRCS, SCANEN, TXEN[0:1]
0.7 x
VDDIO1
8
V
VIL
Low level input voltage
0.3 x
VDDIO1
8
V
VOH
High level output voltage
ALARM, SDO, SYNC, ILOAD = –400 uA
1.55
V
VOL
Low level output voltage
ALARM, SDO, SYNC, ILOAD = 400 uA
0.2
V
TEMPERATURE SENSOR
Res
Resolution
1
℃/LSB
Range
Digital Range
-50
150
℃
TERROR
Temperature Error
TA = 25
℃, device powered down
except for temperature sensor and SPI
±5
℃
(1)
With no IO supply voltage offset in connecting device.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com