Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 63 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 59Page - Texas Instruments DAC39RF10 Datasheet HTML 60Page - Texas Instruments DAC39RF10 Datasheet HTML 61Page - Texas Instruments DAC39RF10 Datasheet HTML 62Page - Texas Instruments DAC39RF10 Datasheet HTML 63Page - Texas Instruments DAC39RF10 Datasheet HTML 64Page - Texas Instruments DAC39RF10 Datasheet HTML 65Page - Texas Instruments DAC39RF10 Datasheet HTML 66Page - Texas Instruments DAC39RF10 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
6.14 Typical Characteristics: Noise Spectral Density (continued)
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-170
-165
-160
-155
-150
-145
-140
4 GSPS, -12 dBFS
6 GSPS, -12 dBFS
8 GSPS, -12 dBFS
10 GSPS, -12 dBFS
4 GSPS, 0 dBFS
6 GSPS, 0 dBFS
8 GSPS, 0 dBFS
10 GSPS, 0 dBFS
IFS_SWITCH = 20.5mA, DEM and Dither On, DES2XL and
DES2XH Modes
Figure 6-80. NSD vs Output Frequency and Sample Rate
Te mperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
-180
-175
-170
-165
-160
-155
-150
97 MHz, 0 dBFS
97 MHz, -20 dBFS
2997 MHz, 0 dBFS
2997 MHz, -20 dBFS
IFS_SWITCH = 20.5mA, DEM and Dither Off, NRZ Mode
Figure 6-81. NSD vs Temperature
Te mperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
-160
-158
-156
-154
-152
-150
-148
-146
-144
-142
-140
0 dBFS
-20 dBFS
FOUT = 7242MHz, IFS_SWITCH = 20.5mA, DEM and Dither Off,
RF Mode
Figure 6-82. NSD vs Temperature
Te mperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
-180
-175
-170
-165
-160
-155
-150
97 MHz, 0 dBFS
97 MHz, -20 dBFS
2997 MHz, 0 dBFS
2997 MHz, -20 dBFS
IFS_SWITCH = 20.5mA, DEM and Dither Off,, DES2XL Mode
Figure 6-83. NSD vs Temperature
Te mperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
-160
-158
-156
-154
-152
-150
-148
-146
-144
-142
-140
0 dBFS
-20 dBFS
FOUT = 7242MHz, IFS_SWITCH = 20.5mA, DEM and Dither Off,
DES2XH Mode
Figure 6-84. NSD vs Temperature
Voltage (%)
-10
-5
0
5
10
-180
-175
-170
-165
-160
-155
-150
97 MHz, 0 dBFS
97 MHz, -20 dBFS
2997 MHz, 0 dBFS
2997 MHz, -20 dBFS
IFS_SWITCH = 20.5mA, DEM and Dither Off, NRZ Mode
Figure 6-85. NSD vs Supply Voltage
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com