Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 31 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 27Page - Texas Instruments DAC39RF10 Datasheet HTML 28Page - Texas Instruments DAC39RF10 Datasheet HTML 29Page - Texas Instruments DAC39RF10 Datasheet HTML 30Page - Texas Instruments DAC39RF10 Datasheet HTML 31Page - Texas Instruments DAC39RF10 Datasheet HTML 32Page - Texas Instruments DAC39RF10 Datasheet HTML 33Page - Texas Instruments DAC39RF10 Datasheet HTML 34Page - Texas Instruments DAC39RF10 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 232 page
background image
6.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24GHz, 8b/10b encoding, IFS_SWITCH = 20.5mA, single tone amplitude = 0dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750MHz and DEM_ADJ = 0 above 750MHz), 8b/10b encoding, unless otherwise noted. FDAC = FCLK in
NRZ, RTZ and RF modes and FDAC = 2×FCLK in DES1X and DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
15.6GSPS, SINGLE CHANNEL MODE, 12-bit, JMODE 8, 66b/64b, DES MODE
POUT
Output power with 2:1 balun and 50Ω
load
fOUT = 97MHz
1
dBm
fOUT = 997MHz
0.8
dBm
fOUT = 1997MHz
0.5
dBm
fOUT = 2997MHz
0
dBm
fOUT = 3997MHz
–2.4
dBm
fOUT = 5997MHz
–2.1
dBm
fOUT = 6997MHz
–1.3
dBm
SFDR
Spurious free dynamic range (SFDR)
across 0 - FDAC/4
fOUT = 97MHz
83
dBc
fOUT = 997MHz
69
dBc
fOUT = 1997MHz
80
dBc
fOUT = 2997MHz
78
dBc
Spurious free dynamic range (SFDR)
across FDAC/4 - FDAC/2
fOUT = 3997MHz
60
dBc
fOUT = 5997MHz
80
dBc
fOUT = 6997MHz
55
dBc
IMGDES
FDAC/2 - FOUT DES Image
fOUT = 97MHz
–63
dBc
fOUT = 997MHz
–55
dBc
fOUT = 1997MHz
–52
dBc
fOUT = 2997MHz
–48
dBc
fOUT = 3997MHz
–42
dBc
fOUT = 5997MHz
–38
dBc
fOUT = 6997MHz
–37
dBc
HD2
2nd Harmonic Distortion in 0 - FDAC/2
fOUT = 97MHz
–83
dBc
fOUT = 997MHz
–76
dBc
fOUT = 1997MHz
–70
dBc
fOUT = 2997MHz
–62
dBc
fOUT = 3997MHz
–62
dBc
fOUT = 5997MHz
–50
dBc
fOUT = 6997MHz
–48
dBc
SFDRNONHD23
non-HD2/3 SFDR, excluding DES
spur
fOUT = 97MHz
87
dBc
fOUT = 997MHz
76
dBc
fOUT = 1997MHz
80
dBc
fOUT = 2997MHz
78
dBc
fOUT = 3997MHz
73
dBc
fOUT = 5997MHz
80
dBc
fOUT = 6997MHz
71
dBc
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com