Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 216 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 216 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 212Page - Texas Instruments DAC39RF10 Datasheet HTML 213Page - Texas Instruments DAC39RF10 Datasheet HTML 214Page - Texas Instruments DAC39RF10 Datasheet HTML 215Page - Texas Instruments DAC39RF10 Datasheet HTML 216Page - Texas Instruments DAC39RF10 Datasheet HTML 217Page - Texas Instruments DAC39RF10 Datasheet HTML 218Page - Texas Instruments DAC39RF10 Datasheet HTML 219Page - Texas Instruments DAC39RF10 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 232 page
background image
Ground Relief Cut-outs
for Impedance Matching
Figure 9-24. Ground Cut-out Below SMA Connector Center Pin
6. Avoid routing traces near irregularities in the reference ground planes. Irregularities include cuts in
the ground plane or ground plane clearances associated with power and signal vias and through-hole
component leads.
7. Provide symmetrically located ground tie stitching vias adjacent to any high-speed signal at an appropriate
spacing as determined by the maximum frequency the trace transports (λ/4). See Figure 9-22 as an
example.
8. When high-speed signals must transition to another layer using vias, transition as far through the board as
possible (top to bottom is best case) to minimize via stubs on top or bottom of the vias. If layer selection is
not flexible, use back-drilled or buried, blind vias to eliminate stubs. Always place two ground vias (“return
vias”) close to critical high-speed signal trace via when transitioning between layers to provide a nearby
ground return path. See Figure 9-25 and Figure 9-26 as examples.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
216
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com