Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 152 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 148Page - Texas Instruments AM261...ZEJ Datasheet HTML 149Page - Texas Instruments AM261...ZEJ Datasheet HTML 150Page - Texas Instruments AM261...ZEJ Datasheet HTML 151Page - Texas Instruments AM261...ZEJ Datasheet HTML 152Page - Texas Instruments AM261...ZEJ Datasheet HTML 153Page - Texas Instruments AM261...ZEJ Datasheet HTML 154Page - Texas Instruments AM261...ZEJ Datasheet HTML 155Page - Texas Instruments AM261...ZEJ Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 218 page
background image
6.11.5.12 Multi-Media Card/Secure Digital (MMCSD)
The MMCSD Host Controller provides an interface to embedded Multi-Media Card (MMC) and Secure Digital
(SD)devices. The MMCSD Host Controller deals with MMC/SD protocol at transmission level, data packing,
adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking for syntactical correctness.
For more information, see Multi-Media Card/Secure Digital (MMCSD) Interface section in Peripherals chapter in
the device TRM.
6.11.5.12.1 MMC Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
Default Speed
0.69
2.06
V/ns
High Speed
0.69
2.06
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
Default Speed
1
10
pF
High Speed
1
10
pF
6.11.5.12.2 MMC Timing Requirements - SD Card Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS1
tsu(cmdV-clkH)
Setup time, MMC_CMD valid before MMC_CLK
rising edge
2.15
ns
DS2
th(clkH-cmdV)
Hold time, MMC_CMD valid after MMC_CLK
rising edge
19.67
ns
DS3
tsu(dV-clkH)
Setup time, MMC_DAT[3:0] valid before
MMC_CLK rising edge
2.15
ns
DS4
th(clkH-dV)
Hold time, MMC_DAT[3:0] valid after MMC_CLK
rising edge
19.67
ns
MMC[ ]_CLK
x
M
[ ]_
MC
CMD
x
MMC
DAT
[ ]_
[3:0]
x
DS1
DS2
DS3
DS4
Figure 6-45. MMC – Default Speed – Receive Mode
6.11.5.12.3 MMC Switching Characteristics - SD Card Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC_CLK
25
MHz
DS5
tc(clk)
Operating period, MMC_CLK
40
ns
DS6
tw(clkH)
Pulse duration, MMC_CLK high
18.7
ns
DS7
tw(clkL)
Pulse duration, MMC_CLK low
18.7
ns
DS8
td(clkL-cmdV)
Delay time, MMC_CLK falling edge to
MMC_CMD transition
–14.1
14.1
ns
DS9
td(clkL-dV)
Delay time, MMC_CLK falling edge to
MMC_DAT[3:0] transition
–14.1
14.1
ns
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
152
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com