Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 156 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 152Page - Texas Instruments AM261...ZEJ Datasheet HTML 153Page - Texas Instruments AM261...ZEJ Datasheet HTML 154Page - Texas Instruments AM261...ZEJ Datasheet HTML 155Page - Texas Instruments AM261...ZEJ Datasheet HTML 156Page - Texas Instruments AM261...ZEJ Datasheet HTML 157Page - Texas Instruments AM261...ZEJ Datasheet HTML 158Page - Texas Instruments AM261...ZEJ Datasheet HTML 159Page - Texas Instruments AM261...ZEJ Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 218 page
background image
Data transmit and receive timing parameters are not defined for the data training use case since they are
dynamically adjusted based on the operating condition.
6.11.5.13.2.1.1 OSPI DLL Delay Mapping for PHY Data Training
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
Transmit
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD
(1)
Receive
All modes
PHY_CONFIG_RX_DLL_DELAY_FLD
(2)
(1)
Transmit DLL delay value determined by training software
(2)
Receive DLL delay value determined by training software
6.11.5.13.2.1.2 OSPI Timing Requirements - PHY Data Training
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O15
tsu(D-LBCLK)
Setup time, OSPI_D[7:0] valid
before active OSPI_DQS edge
DDR with DQS
(1)
ns
O16
th(LBCLK-D)
Hold time, OSPI_D[7:0] valid after
active OSPI_DQS edge
DDR with DQS
(1)
ns
(1)
Minimum setup and hold time requirements for OSPI_D[7:0] inputs are not defined when Data Training is used to find the optimum
data valid window.
tO16t
tO16t
O15
O15
OSPI_DQS
OSPI_D[i:0]
Figure 6-49. . OSPI Timing Requirements – PHY Data Training, DDR with DQS
6.11.5.13.2.1.3 OSPI Switching Characteristics - PHY Data Training
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, OSPI_CLK
1.8V, DDR
6.024
ns
3.3V, DDR
7.52
ns
O2
tw(CLKL)
Pulse duration, OSPI_CLK low
DDR
0.475P(1) - 0.3
ns
O3
tw(CLKH)
Pulse duration, OSPI_CLK high
DDR
0.475P(1) - 0.3
ns
O4
td(CSn-CLK)
Delay time, OSPI_CSn[1:0] active edge
to OSPI_CLK rising edge
DDR
0.475P(1) + (0.975
× M(2) × R(4)) +
0.35TD(5) - 1
0.525P(1) + (1.025
× M(2) × R(4)) +
0.95TD(5) + 1
ns
O5
td(CLK-CSn)
Delay time, OSPI_CLK rising edge to
OSPI_CSn[1:0] inactive edge
DDR
0.475P(1) + (0.975
× N(3) × R(4)) -
0.35TD(5) - 1
0.525P(1) + (1.025
× N(3) × R(4)) -
0.95TD(5) + 1
ns
O6
td(CLK-D)
Delay time, OSPI_CLK active edge to
OSPI_D[7:0] transition
DDR
(6)
(6)
ns
(1)
P = OSPI_CLK cycle time = SCLK period in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = REFCLK cycle time in ns
(5)
TD = PHY_CONFIG_TX_DLL_DELAY_FLD
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
156
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com