Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 171 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 171 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 167Page - Texas Instruments AM261...ZEJ Datasheet HTML 168Page - Texas Instruments AM261...ZEJ Datasheet HTML 169Page - Texas Instruments AM261...ZEJ Datasheet HTML 170Page - Texas Instruments AM261...ZEJ Datasheet HTML 171Page - Texas Instruments AM261...ZEJ Datasheet HTML 172Page - Texas Instruments AM261...ZEJ Datasheet HTML 173Page - Texas Instruments AM261...ZEJ Datasheet HTML 174Page - Texas Instruments AM261...ZEJ Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 218 page
background image
6.11.5.14.2 PRU-ICSS PRU Sigma Delta and Peripheral Interface
6.11.5.14.2.1 PRU-ICSS PRU Sigma Delta and Peripheral Interface Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
18
pF
6.11.5.14.2.2 PRU-ICSS PRU Timing Requirements - Sigma Delta Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRSD1
tc(SD_CLK)
Cycle time, SD_CLK
40
ns
PRSD2L
tw(SD_CLKL)
Pulse duration, SD_CLK Low
20
ns
PRSD2H
tw(SD_CLKH)
Pulse duration, SD_CLK High
20
ns
PRSD3
tsu(SD_D-SDCLK)
Setup time, SD_D valid before SD_CLK active
edge
10
ns
PRSD4
tsu(SDCLK-SD_D)
Hold time, SD_D valid after SD_CLK active
edge
5
ns
SDx_CLK
PRU_TIMING_07
PRSD2H
PRSD2L
PRSD4
PRSD3
SDx_D
PRSD1
Figure 6-70. PRU-ICSS PRU SD_CLK Falling Active Edge
SDx_CLK
PRSD2L
PRSD3
PRSD4
PRU_TIMING_08
SDx_D
Figure 6-71. PRU-ICSS PRU SD_CLK Rising Active Edge
6.11.5.14.2.3 PRU-ICSS PRU Timing Requirements - Peripheral Interface Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPIF1
tw(PIF_DATA_INH)
Pulse duration, PIF_DATA_IN High
2 + 0.475 × (4 × P(1))
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
171
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com