Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 172 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 172 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 168Page - Texas Instruments AM261...ZEJ Datasheet HTML 169Page - Texas Instruments AM261...ZEJ Datasheet HTML 170Page - Texas Instruments AM261...ZEJ Datasheet HTML 171Page - Texas Instruments AM261...ZEJ Datasheet HTML 172Page - Texas Instruments AM261...ZEJ Datasheet HTML 173Page - Texas Instruments AM261...ZEJ Datasheet HTML 174Page - Texas Instruments AM261...ZEJ Datasheet HTML 175Page - Texas Instruments AM261...ZEJ Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 218 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPIF2
tw(PIF_DATA_INL)
Pulse duration, PIF_DATA_IN Low
2 + 0.475 × (4 × P(1))
ns
(1)
P = 1x (or TX) clock period, defined by TX_DIV_FACTOR and TX_DIV_FACTOR_FRAC in the CFG_ED_P<n>_TXCFG register.
PIF_DATA_IN
PRPIF1
PRUPIF_TIMING_01
PRPIF2
Figure 6-72. PRU-ICSS PRU Peripheral Interface Timing Requirements
6.11.5.14.2.4 PRU-ICSS PRU Switching Characteristics - Peripheral Interface Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPIF3
tc(PIF_CLK)
Cycle time, PIF_CLK
30
ns
PRPIF4
tw(PIF_CLKH)
Pulse duration, PIF_CLK High
0.475P(1)
ns
PRPIF5
tw(PIF_CLKL)
Pulse duration, PIF_CLK Low
0.475P(1)
ns
PRPIF6
td(PIF_CLK-PIF_DATA_OUT) Delay time, PIF_CLK fall to PIF_DATA_OUT
–5
5
ns
PRPIF7
td(PIF_CLK-PIF_DATA_EN)
Delay time, PIF_CLK fall to PIF_DATA_EN
–5
5
ns
(1)
P = 1x (or TX) clock period, defined by TX_DIV_FACTOR and TX_DIV_FACTOR_FRAC in the CFG_ED_P<n>_TXCFG register.
PIF_CLK
PIF_DATA_OUT
PRPIF3
PRPIF4
PRPIF6
PRPIF5
PIF_DATA_EN
PRPIF7
Figure 6-73. PRU-ICSS PRU Peripheral Interface Switching Characteristics
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
172
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com