Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 25 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 25 Page - ABB

Back Button PS1/19/30 Datasheet HTML 21Page - ABB PS1/19/30 Datasheet HTML 22Page - ABB PS1/19/30 Datasheet HTML 23Page - ABB PS1/19/30 Datasheet HTML 24Page - ABB PS1/19/30 Datasheet HTML 25Page - ABB PS1/19/30 Datasheet HTML 26Page - ABB PS1/19/30 Datasheet HTML 27Page - ABB PS1/19/30 Datasheet HTML 28Page - ABB PS1/19/30 Datasheet HTML 29Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
26
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Protecta Plus
Order Codes
Description
Order codes
125A MID Approved c/w pulse output
EPP-METMOD125A
125A MID Approved c/w pulse output & Modbus ( RS485 )
EPP-METMOD125B
125A MID Approved c/w pulse output, Modbus ( RS485 ) Imp / Exp
EPP-METMOD125C
160A MID Approved c/w pulse output
EPP-METMOD160A
160A MID Approved c/w pulse output & Modbus ( RS485 )
EPP-METMOD160B
160A MID Approved c/w pulse output, Modbus ( RS485 ) Imp / Exp
EPP-METMOD160C
250A MID Approved c/w pulse output
EPP-METMOD250A
250A MID Approved c/w pulse output & Modbus ( RS485 )
EPP-METMOD250B
250A MID Approved c/w pulse output, Modbus ( RS485 ) Imp / Exp
EPP-METMOD250C
—
Incoming metering
Description
Order codes
125A 3P Switch incoming connection kit
EPP-1253P
125A 4P Switch incoming connection kit
EPP-1254P
100A 4P RCD incoming connection kit 30mA Type AC - Left side neutral
EPP-1004R
160A 3P Switch incoming connection kit
EPP-1603P
160A 4P Switch incoming connection kit
EPP-1604P
250A 3P Switch incoming connection kit
EPP-2503P
250A 4P Switch incoming connection kit
EPP-2504P
Pack contents: Incoming kit
• Copper connection kit and fittings
• Incoming device
• Cover plate
• Instruction leaflet
—
Incoming connection kit
Pack contents: Incoming metering
• 1 x Meter
• 1 x C.T Block
• 1 x Wiring Loom & DIN support
• Instruction leaflet
Please note as these kits allow for 4 to 24way
boards cutting and crimping of cables is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com